Electronic Components Datasheet Search
  English  ▼

X  

TSDB Datasheet(PDF) 1 Page - Littelfuse

Part # TSDB
Description  Time Delay Relays - Dedicated - Delay-on-Break
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TSDB Datasheet(HTML) 1 Page - Littelfuse

  TSDB Datasheet HTML 1Page - Littelfuse TSDB Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Delay-on-Break
Rev: 1-A-062216
www.littelfuse.com/tsdb
TSDB SERIES
Description
The TSDB Series is designed for more demanding commercial
and industrial applications where small size, and accurate
performance are required. The factory calibration for fixed
time delays is within 1% of the target time delay. The repeat
accuracy, under stable conditions, is 0.5% of the time delay.
The TSDB Series is rated to operate over an extended
temperature range. Time delays of 0.1 seconds to 1000 minutes
are available. The output is rated 1A steady and 10A inrush. The
modules are totally solid state and encapsulated to protect the
electronic circuitry.
Operation (Delay-on-Break)
Input voltage must be applied before and during timing. Upon
closure of the initiate switch, the output energizes. The time
delay begins when the initiate switch is opened. The output
remains energized during timing. At the end of the time delay,
the output de-energizes. The output will energize if the initiate
switch is closed when input voltage is applied.
Reset: Reclosing the initiate switch during timing resets the time
delay. Loss of input voltage resets the time delay and output.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat accuracy + / - 0.5%,
Factory calibration + / - 1%
Compact design
Allows flexiblility for OEM applications
1A Steady, 10A inrush
solid-state output
Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Wide temperature
range: -40° to 75°C
Reliable in demanding commercial and
industrial applications
Accessories
P1004-13, P1004-13-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P1023-6 Mounting bracket
The 90° orientation of mounting slots makes
installation/removal of modules quick and easy.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
Wiring Diagram
V = Voltage
UTL = Optional Untimed
Load
L =Timed Load
S1 = Initiate Switch
RT is used when
external adjustment
is ordered.
L1
N/L2
(Positive Switching)
Ordering Information
MODEL
INPUT
VOLTAGE
ADJUSTMENT
TIME DELAY
SWITCHING
MODE
TSDB320P
24VDC
External
0.1 - 10s
Positive
TSDB421
120VAC
External
1 - 100s
n/a
TSDB431
120VAC
Onboard
1 - 100s
n/a
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - TSDB

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TSD FENGJUI-TSD Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
logo
Transko Electronics, In...
TSD TRANSKO-TSD Datasheet
286Kb / 1P
HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.1: 08-28-2020
logo
Automatic Timing & Cont...
TSD ATC-TSD Datasheet
260Kb / 1P
OFF-Delay Solid-State Output
logo
PHOENIX CONTACT
TSD-02-SAC PHOENIX-TSD-02-SAC Datasheet
52Kb / 3P
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
Wide range of SAC... nuts for various different applications
More results

Similar Description - TSDB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com