Electronic Components Datasheet Search
  English  ▼

X  

1754571 Datasheet(PDF) 25 Page - PHOENIX CONTACT

Part # 1754571
Description  PCB connector - FKCN 2,5/ 3-ST-5,08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754571 Datasheet(HTML) 25 Page - PHOENIX CONTACT

Back Button 1754571 Datasheet HTML 21Page - PHOENIX CONTACT 1754571 Datasheet HTML 22Page - PHOENIX CONTACT 1754571 Datasheet HTML 23Page - PHOENIX CONTACT 1754571 Datasheet HTML 24Page - PHOENIX CONTACT 1754571 Datasheet HTML 25Page - PHOENIX CONTACT 1754571 Datasheet HTML 26Page - PHOENIX CONTACT 1754571 Datasheet HTML 27Page - PHOENIX CONTACT 1754571 Datasheet HTML 28Page - PHOENIX CONTACT 1754571 Datasheet HTML 29Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
PCB header
PCB header - MDSTBVA 2,5/ 3-GL-5,08 - 1874756
https://www.phoenixcontact.com/us/products/1874756
PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10
A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male
connector, number of potentials: 6, number of rows: 2, number of positions: 3,
number of connections: 6, product range: MDSTBVA 2,5/..-G, pitch: 5.08 mm,
mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5,
Pin connector pattern alignment: Standard, locking: without, mounting: without,
type of packaging: packed in cardboard, The article can be aligned to create
different nos. of positions! In combination with MVSTB or FKCV plug
components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR)
must be used. Combination with TMSTBP plug components is not possible!
PCB header
PCB header - MDSTBVA 2,5/ 3-GR-5,08 - 1874769
https://www.phoenixcontact.com/us/products/1874769
PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10
A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male
connector, number of potentials: 6, number of rows: 2, number of positions: 3,
number of connections: 6, product range: MDSTBVA 2,5/..-G, pitch: 5.08 mm,
mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5,
Pin connector pattern alignment: Standard, locking: without, mounting: without,
type of packaging: packed in cardboard, The article can be aligned to create
different nos. of positions! In combination with MVSTB or FKCV plug
components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR)
must be used. Combination with TMSTBP plug components is not possible!
PCB connector - FKCN 2,5/ 3-ST-5,08
1754571
https://www.phoenixcontact.com/us/products/1754571
Nov 30, 2022, 5:32 AM
Page 25 (29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com