Electronic Components Datasheet Search
  English  ▼

X  

1754571 Datasheet(PDF) 27 Page - PHOENIX CONTACT

Part # 1754571
Description  PCB connector - FKCN 2,5/ 3-ST-5,08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754571 Datasheet(HTML) 27 Page - PHOENIX CONTACT

Back Button 1754571 Datasheet HTML 21Page - PHOENIX CONTACT 1754571 Datasheet HTML 22Page - PHOENIX CONTACT 1754571 Datasheet HTML 23Page - PHOENIX CONTACT 1754571 Datasheet HTML 24Page - PHOENIX CONTACT 1754571 Datasheet HTML 25Page - PHOENIX CONTACT 1754571 Datasheet HTML 26Page - PHOENIX CONTACT 1754571 Datasheet HTML 27Page - PHOENIX CONTACT 1754571 Datasheet HTML 28Page - PHOENIX CONTACT 1754571 Datasheet HTML 29Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
PCB header
PCB header - CC 2,5/ 3-G-5,08 P26THRR32 - 1954595
https://www.phoenixcontact.com/us/products/1954595
PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12
A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male
connector, number of potentials: 3, number of rows: 1, number of positions: 3,
number of connections: 3, product range: CC 2,5/..-G, pitch: 5.08 mm, mounting:
THR soldering, pin layout: Linear pinning, solder pin [P]: 2.6 mm, number of
solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type
of packaging: 32 mm wide tape, For user information and design
recommendations for through-hole reflow technology, go to: Downloads
PCB header
PCB header - CCA 2,5/ 3-G-5,08 P26THR - 1954922
https://www.phoenixcontact.com/us/products/1954922
PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12
A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male
connector, number of potentials: 3, number of rows: 1, number of positions: 3,
number of connections: 3, product range: CCA 2,5/..-G, pitch: 5.08 mm,
mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2.6 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5,
Pin connector pattern alignment: Standard, locking: without, mounting: without,
type of packaging: packed in cardboard, For user information and design
recommendations for through-hole reflow technology, go to: Downloads
PCB connector - FKCN 2,5/ 3-ST-5,08
1754571
https://www.phoenixcontact.com/us/products/1754571
Nov 30, 2022, 5:32 AM
Page 27 (29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com