Electronic Components Datasheet Search
  English  ▼

X  

TPSF12C3DYYR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPSF12C3DYYR
Description  TPSF12C1-Q1 Standalone Active EMI Filter for Common-mode Noise Mitigation in Single-Phase AC Automotive Power Systems
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSF12C3DYYR Datasheet(HTML) 3 Page - Texas Instruments

  TPSF12C3DYYR Datasheet HTML 1Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 2Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 3Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 4Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 5Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 6Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 7Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 8Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Device Comparison Table
DEVICE
ORDERABLE PART NUMBER
PHASES
GRADE
JUNCTION TEMPERATURE
RANGE
TPSF12C1-Q1
TPSF12C1QDYYRQ1
1
Automotive
–40°C to 150°C
TPSF12C3-Q1
TPSF12C3QDYYRQ1
3
Automotive
–40°C to 150°C
TPSF12C1
TPSF12C1DYYR
1
Commercial
–40°C to 150°C
TPSF12C3
TPSF12C3DYYR
3
Commerical
–40°C to 150°C
6 Pin Configuration and Functions
IGND
14
2
VDD
3
NC
4
SENSE1A
5
SENSE1B
6
SENSE2A
7
SENSE2B
1
NC
INJ
13
NC
12
COMP2
11
COMP1
10
REFGND
9
EN
8
Not to scale
Figure 6-1. 14-Pin SOT-23-THIN DYY Package (Top View)
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1, 3, 12
NC
–
No internal connection. Tie to the GND plane on the PCB.
2
VDD
P
Power supply for IC. Bypass to IGND with a 1-µF X7R ceramic capacitor.
4
SENSE1A
I
Sense input (power line or neutral)
5
SENSE1B
I
Sense input (power line or neutral)
6
SENSE2A
I
Sense input (power line or neutral)
7
SENSE2B
I
Sense input (power line or neutral)
8
EN
I
Enable signal to activate noise cancellation
9
REFGND
G
Reference ground (Kelvin connected to IGND)
10
COMP1
I
Connection 1 for external compensation circuit
11
COMP2
I
Connection 2 for external compensation circuit
13
INJ
O
Injection signal output
14
IGND
G
Injection ground
(1)
P = Power, G = Ground, I = Input, O = Output
www.ti.com
TPSF12C1-Q1
SNVSCB7 – NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPSF12C1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com