Electronic Components Datasheet Search
  English  ▼

X  

TPSF12C3DYYR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPSF12C3DYYR
Description  TPSF12C1-Q1 Standalone Active EMI Filter for Common-mode Noise Mitigation in Single-Phase AC Automotive Power Systems
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSF12C3DYYR Datasheet(HTML) 4 Page - Texas Instruments

  TPSF12C3DYYR Datasheet HTML 1Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 2Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 3Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 4Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 5Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 6Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 7Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 8Page - Texas Instruments TPSF12C3DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted) (1)
MIN
MAX
UNIT
Pin voltage
VDD to IGND and REFGND
–0.3
18
V
Pin voltage
SENSE1A, SENSE1B, SENSE2A, SENSE2B to REFGND
–5.5
5.5
V
Pin voltage
COMP1 to IGND and REFGND
–0.3
5.5
V
Pin voltage
COMP2 to IGND and REFGND
–0.3
15
V
Pin voltage
INJ to IGND
–0.3
VVDD + 0.3
V
Pin voltage
EN to IGND and REFGND
–0.3
18
V
Pin voltage
IGND to REFGND
–0.3
0.3
V
Sink current
INJ
150
mA
Source current
INJ
150
mA
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per AEC Q100-002(1)
HBM ESD classification level 2
±2000
V
Charged device model (CDM), per AEC Q100-011
CDM ESD classification level C4B
Corner pins (1, 7, 8, and 14)
±750
Other pins
±500
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
VVDD
VDD voltage range
8
12
16
V
VINJ
Output voltage range
2
VVDD – 2
V
VSENSE
Sense voltage range
–5
5
V
VEN
Pin voltage
0
16
V
IINJ
Output current range
Source and sink magnitude
80
mA
TA
Operating ambient temperature
–40
105
°C
TPSF12C1-Q1
SNVSCB7 – NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPSF12C1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com