Electronic Components Datasheet Search
  English  ▼

X  

48713 Datasheet(PDF) 2 Page - Littelfuse

Part # 48713
Description  COMPACT LOW VOLTAGE DISCONNECT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

48713 Datasheet(HTML) 2 Page - Littelfuse

  48713 Datasheet HTML 1Page - Littelfuse 48713 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Littelfuse Commercial Vehicle Products
Rev: 020419
littelfuse.com
2 of 2
Product Datasheet
* These characteristics are programmable in 48713 series LVDs.
Environmental Specifications
Electrical Characteristics
CHARACTERISTIC
PARAMETER
NOTES
Operating Temperature Range
-40° to +85°C
-40° to +185°F
100A at 85°C, 125A at 60°C
Ingress Protection Rating
IP67
Per IEC 529
Humidity
0 to 90%RH
Vibration
10-500Hz
Per SAE J1455
Shock
Per SAE J1455
Thermal Shock
Per SAE J1455
Inductive Transient
+/- 600V
Per SAE J1455
Load Dump
+150V
Per SAE J1455
CHARACTERISTIC
MIN
TYPICAL
MAX
NOTES
Operating voltage (12V)
9V
12V
16V
If used with 12V DC systems
*Disconnect voltage (+12V)
*Connect voltage (+12V)
12.05V
12.95V
12.1V
13.0V
12.15V
13.05V
When voltage drops below 12.1V, system activities
the alarm for one minute, then disconnects loads.
Operating Voltage (24V)
18V
24V
32V
If used with 24V DC systems
Quiescent Current
1mA
2mA
Circuit operating current
Maximum Rated Current
*Overcurrent Protection
135A
System will disconnect load and sound alarm
after 3 seconds of excessive current.
*Key-Off Timer
15 Mins
Optional feature. After key-off, unit will wait a set time before
activating alarm. One minute later, loads are shut off.
Dimensions
COMPACT LOW VOLTAGE DISCONNECT
100A • 12 or 24V DC • IP67 • OBSOLETE 2018
Visit Littelfuse.com for the most up-to-date product information. Littelfuse products are designed for specific applications and should not be used for any purpose (including, without limitation, automotive
applications) not expressly set forth in applicable Littelfuse product documentation. Warranties granted by Littelfuse shall be deemed void for products used for any purpose not expressly set forth in
applicable Littelfuse product documentation. Littelfuse shall not be liable for any claims or damages arising out of products used in applications not expressly intended by Littelfuse as set forth in applicable
Littelfuse product documentation.
CHARACTERISTIC
PARAMETER
NOTES
Battery terminals
(1/4”–20)
50 in -lbs (5.78Nm)
4 [101.6]
3.11[79.0]
4.27 [108.6]
4.50 [114.3]
2 18 [53.3]
Accepts DT06-4S
Deutsch Connector
Ø0.28 [Ø7.1]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com