Electronic Components Datasheet Search
  English  ▼

X  

48713 Datasheet(PDF) 1 Page - Littelfuse

Part # 48713
Description  COMPACT LOW VOLTAGE DISCONNECT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

48713 Datasheet(HTML) 1 Page - Littelfuse

  48713 Datasheet HTML 1Page - Littelfuse 48713 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2019 Littelfuse Commercial Vehicle Products
Rev: 020419
littelfuse.com
1 of 2
Product Datasheet
PART NUMBER
DESCRIPTION
48513
Unit Only
48513-01-BX
Unit with Harness (p/n 12804)
48513-02-BX
Unit with Harness (p/n 12804)
& Rocker Switch (p/n 58326-06)
48513-03-BX
Unit with Harness (p/n 12804)
& Toggle Switch (p/n 55088)
48713
Programmable Unit Only
COMPACT LOW VOLTAGE DISCONNECT
100A • 12 or 24V DC • IP67 • OBSOLETE 2018
Specifications Overview
Voltage:
12/24V DC (Auto Ranging)
Operating Voltage:
12V DC: 9V Min, 12V Typical, 16V Max
24V DC: 18V Min, 24V Typical, 32V Max
Disconnect & Connect Voltage:
See table on page 2
Overcurrent Protection:
135A
Ingress Protection:
IP67
Operating Temperature:
-40° to +85°C (-40° to +185°F)
Dimensions:
4.27 x 4.50 x 3.11 (108.6 x 114.3 x 79.0)
Web Resources
Download technical resources at:
littelfuse.com/48513
Datasheet Replaces Hotfeed Number D-619
Description
Unit disconnects non-critical loads when battery voltage falls
below threshold, reconnects when battery is recharged.
Unit is auto-ranging: identifies whether system is 12V or 24V,
and automatically establishes thresholds. One part number;
two voltages.
Eliminates dead battery service calls and lost time by
extending battery life and preventing irreversible damage
due to excessive discharge.
No action is required by vehicle operator to protect the
batteries – unit automatically disconnects and reconnects,
giving operator a warning one minute before disconnect.
200mA alarm signal can drive audible or visual systems or any
large device via a relay. Optional manual override feature.
Electronics are sealed to IP67, see Installation Instructions
IF-162 for mounting and wiring details. Solid state reliability
and resistance to vibration – replaces vulnerable conventional
solenoids. Unit exceeds one million cycles and is protected
from overcurrent, overvoltage, and under-voltage. Minimal
draw on battery (only 1mA standby).
Protects vulnerable onboard electronics such as GPS, phone,
computer. Solid-state switching creates less electrical noise
and interference, and eliminates spikes.
Features and Benefits
• Electronically senses battery level and conserves
starting power
• Prolongs battery life by preventing battery damage.
• Unit works with 12V or 24V DC systems
Ordering Information
Associated Items
PART NUMBER
DESCRIPTION
12804
Plug & Harness
58326-06
Rocker Switch
55088
Toggle Switch
12804
58326-06
55088


Similar Part No. - 48713

ManufacturerPart #DatasheetDescription
logo
Littelfuse
48710 LITTELFUSE-48710 Datasheet
1Mb / 4P
FlexMod™ LOW VOLTAGE DISCONNECT
2017 Rev: 053117
logo
Presto International UK...
48711 PRESTO-48711 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
SNA Europe
487143 LINDSTROM-487143 Datasheet
50Kb / 1P
Electronic Pliers & Cutters
More results

Similar Description - 48713

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4224-1 LINER-LTC4224-1 Datasheet
214Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
logo
Crydom Inc.,
115-12VDC CRYDOM-115-12VDC Datasheet
1Mb / 5P
Low Voltage Disconnect
logo
Sharp Corporation
PQ015ENAHZPH SHARP-PQ015ENAHZPH Datasheet
147Kb / 5P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
logo
Cooper Bussmann, Inc.
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
Telpower Compact Fused Disconnect Switch
logo
Linear Technology
LTC4224-1 LINER-LTC4224-1_15 Datasheet
225Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
LTC4224-2 LINER-LTC4224-2_15 Datasheet
225Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
logo
Texas Instruments
TPS65150 TI1-TPS65150_16 Datasheet
1Mb / 47P
Low Input Voltage, Compact LCD Bias IC
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
switch non-fused Compact Circuit Disconnect
logo
Littelfuse
48610 LITTELFUSE-48610 Datasheet
1Mb / 4P
FlexMod™ LOW VOLTAGE DISCONNECT
2017 Rev: 053117
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com