Electronic Components Datasheet Search
  English  ▼

X  

ARF463AP1 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # ARF463AP1
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF463AP1 Datasheet(HTML) 1 Page - Advanced Power Technology

  ARF463AP1 Datasheet HTML 1Page - Advanced Power Technology ARF463AP1 Datasheet HTML 2Page - Advanced Power Technology ARF463AP1 Datasheet HTML 3Page - Advanced Power Technology ARF463AP1 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO-247
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
V
DS(ON)
I
DSS
I
GSS
g
fs
V
GS(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 µA)
On State Drain Voltage 1 (I
D(ON) = 4.5A, VGS = 10V)
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 0.8 VDSS, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Forward Transconductance (V
DS = 25V, ID = 4.5A)
Gate Threshold Voltage (V
DS = VGS, ID = 50mA)
MIN
TYP
MAX
500
5.0
25
250
±100
23
4
35
UNIT
Volts
µA
nA
mhos
Volts
Symbol
V
DSS
V
DGO
I
D
V
GS
P
D
R
θJC
T
J,TSTG
T
L
Parameter
Drain-Source Voltage
Drain-Gate Voltage
Continuous Drain Current @ T
C = 25°C
Gate-Source Voltage
Total Power Dissipation @ T
C = 25°C
Junction to Case
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF463A_BP1(G)
500
500
9
±30
180
0.70
-55 to 150
300
UNIT
Volts
Amps
Volts
Watts
°C/W
°C
RF POWER MOSFETs
N - CHANNEL ENHANCEMENT MODE
The ARF463AP1 and ARF463BP1 comprise a symmetric pair of common source RF power transistors designed for push-
pull scientific, commercial, medical and industrial RF power amplifier applications up to 100MHz. They have been
optimized for both linear and high efficiency classes of operation.
• Specified 125 Volt, 81.36MHz Characteristics:
•
Output Power = 100 Watts.
•
Gain = 15dB (Class AB)
•
Efficiency = 75% (Class C)
• Low Cost Common Source RF Package.
• Low Vth thermal coefficient.
• Low Thermal Resistance.
• Optimized SOA for Superior Ruggedness.
Common
Source
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
ARF463AP1
ARF463BP1
ARF463AP1G* ARF463BP1G*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
125V 100A 100MHz
G
D
S


Similar Part No. - ARF463AP1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF463A ADPOW-ARF463A Datasheet
68Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF463AP1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF465A ADPOW-ARF465A Datasheet
66Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF466A ADPOW-ARF466A Datasheet
163Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF473 ADPOW-ARF473 Datasheet
124Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF475LF ADPOW-ARF475LF Datasheet
95Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF520 ADPOW-ARF520 Datasheet
74Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF521 ADPOW-ARF521 Datasheet
198Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Silicon Standard Corp.
SSM9926EM SSC-SSM9926EM Datasheet
150Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9926GEO SSC-SSM9926GEO Datasheet
154Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
N-Channel Enhancement Mode Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com