Electronic Components Datasheet Search
  English  ▼

X  

ARF463AP1 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # ARF463AP1
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF463AP1 Datasheet(HTML) 4 Page - Advanced Power Technology

  ARF463AP1 Datasheet HTML 1Page - Advanced Power Technology ARF463AP1 Datasheet HTML 2Page - Advanced Power Technology ARF463AP1 Datasheet HTML 3Page - Advanced Power Technology ARF463AP1 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TO-247 Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
3.55 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
2-Plcs.
Top View
ARF - A
Device
ARF - B
Gate
Drain
Source
Source
Drain
Gate
Dimensions in Millimeters and (Inches)
NOTE: These two parts comprise a symmetric pair of RF
power transistors and meet the same electrical
specifications. The device pin-outs are the mirror image
of each other to allow ease of use as a push-pull pair.
L1
C1
R2
R1
DUT
L2
L3
C5
C4
C6
C5
L4
125V
+
-
RF
Output
RF
Input
C1 -- 820pF Unelco mounted at
gate lead
C2-C5 -- Arco 463 Mica trimmer
C5-C8 -- 10nF 500V COG chip
L1 -- 3t #18 .3" ID .25"L ~50nH
L2 -- 3t #16 AWG .25" ID .3"L ~58nH
L3 -- 10t #18 AWG .25 ID ~470nH
L4 -- VK200-4B ferrite choke ~3uH
R1-R2 -- 50 Ohm 1/2W Carbon
DUT = ARF463A/B
81.36 MHz Test Circuit
C2
C3
Bias
0 - 12V
C7
C8
ARF463A_BP1(G)
P1
P1
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
100% Sn Plated
e3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com