Electronic Components Datasheet Search
  English  ▼

X  

ARF466B Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF466B
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF466B Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF466B Datasheet HTML 1Page - Advanced Power Technology ARF466B Datasheet HTML 2Page - Advanced Power Technology ARF466B Datasheet HTML 3Page - Advanced Power Technology ARF466B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARF466A_B
TYPICAL PERFORMANCE CURVES
TC,CASETEMPERATURE(°C)
Figure 5, Typical Threshold Voltage vs Temperature
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 6, Typical Output Characteristics
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
-50 -25
0
25
50
75
100 125 150
25
20
15
10
5
0
0
5
10
15
20
25
30
5.5V
4.5V
5V
6V
VGS=15 & 10V
8V
4V
Figure 7b,TRANSIENT THERMAL IMPEDANCE MODEL
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULARPULSEDURATION(SECONDS)
FIGURE7a,MAXIMUMEFFECTIVETRANSIENTTHERMALIMPEDANCE,JUNCTION-TO-CASEvsPULSEDURATION
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.5
0.1
0.3
0.7
0.9
0.05
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Freq. (MHz)
ZOL (Ω)
ZIN - Gate shunted with 25Ω
IDQ = 100mA
ZOL - Conjugate of optimum load for 300W output at Vdd = 150V
ZIN (Ω)
2.0
13.5
27.1
40.7
65
17.9 - j 11.2
1.1 - j 4.9
.25 - j 1.5
.15 - j 0.9
.31 + j 2.0
30 - j 1.7
25.7 - j 9.8
18 - j 13.3
12 - j 12.6
6.2 - j 8.9
0.113
°C/W
0.236
°C/W
0.0130 F
0.147 F
Power
(watts)
RC MODEL
Junction
temp(
°C)
Case temperature(
°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com