Electronic Components Datasheet Search
  English  ▼

X  

ARF473 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF473
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF473 Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF473 Datasheet HTML 1Page - Advanced Power Technology ARF473 Datasheet HTML 2Page - Advanced Power Technology ARF473 Datasheet HTML 3Page - Advanced Power Technology ARF473 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARF473
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
Figure 7, Maximum Effective Transient Thermal Impedance, Junction-to-Case vs. Pulse Duration
0.4
0.1
0.05
0.01
0.005
0.001
0.1
0.02
0.05
0.2
D=0.5
0.01
SINGLE PULSE
9V
TC,CASETEMPERATURE(°C)
Figure 5, Typical Threshold Voltage vs Temperature
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 6, Typical Output Characteristics
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50 -25
0
25
50
75
100 125 150
0
5
10
15
20
25
30
5.5V
4.5V
4V
5V
VGS=15 & 10V
6V
8V
25
20
15
10
5
0
Table 1 - Typical Series Equivalent Large Signal Input - Output Impedance
Freq. (MHz)
27.12
40.68
63.8
81.36
127.4
4.78 - j 14.3
1.96 - j 9
0.59 - j 4.1
0.31 - j 1.65
0.4 + j 2.66
49 - j 38.8
33.6 - j 39.5
18 - j 33.5
12.3 - j 29
5.5 - j 20.3
Zin - Gate shunted with 100Ω
IDQ = 75 mA each side
ZOL - Conjugate of optimum load for 300 Watts output at Vdd = 125V
Input and output impedances are measured from gate to gate and
drain to drain respectively
ZOL (Ω)
Zin (Ω)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com