Electronic Components Datasheet Search
  English  ▼

X  

DME800 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # DME800
Description  800 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

DME800 Datasheet(HTML) 1 Page - Advanced Power Technology

  DME800 Datasheet HTML 1Page - Advanced Power Technology DME800 Datasheet HTML 2Page - Advanced Power Technology DME800 Datasheet HTML 3Page - Advanced Power Technology DME800 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DME800
800 Watts, 50 Volts
Pulsed Avionics 1025 to 1150 MHz
GENERAL DESCRIPTION
The DME800 is a high power COMMON BASE bipolar transistor. It is
designed for pulsed DME systems at 1025 to 1150 MHz, with the pulse width
and duty required for DME applications.
The device has gold thin-film
metalization for proven highest MTTF. The transistor includes input and output
prematch for broadband capability. Low thermal resistance package reduces
junction temperature, extends life.
CASE OUTLINE
55ST-1
(Common Base)
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @25
°C1
2500 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
65 V
Emitter to Base Voltage (BVebo)
3 V
Collector Current (Ic)
50 A
Maximum Temperatures
Storage Temperature
-65 to +200
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX UNITS
Pout
Power Out
Pulse Width = 10 µs,
800
1000
W
Pg
Power Gain
9.0
10.0
dB
ηc
Collector Efficiency
40
%
RL
Return Loss
-9
dB
Tr
Rise Time
200
ns
Pd
Pulse Droop
0.7
dB
VSWR
Load Mismatch Tolerance1
Pin = 100 Watts
Vcc = 50 Volts
F = 1025-1150 MHz
Long Term Duty Factor = 1%
F = 1025 MHz
3.0:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 20 mA
3.5
V
BVces
Collector to Emitter Breakdown Ic = 50 mA
65
V
hFE
DC – Current Gain
Vce = 5V, Ic = 600mA
20
θjc2
Thermal Resistance
0.04
0.06
°C/W
NOTES: 1. At rated output power and pulse conditions
2. At rated pulse conditions
Issued June 2003
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.advancedpower.com or contact our factory direct.


Similar Part No. - DME800

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DME CDE-DME Datasheet
493Kb / 4P
Type DME Polyester Film Capacitors
logo
Skyworks Solutions Inc.
DME SKYWORKS-DME Datasheet
1Mb / 20P
Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
April 18, 2017
logo
Adam Technologies, Inc.
DME-A-02-V ADAM-TECH-DME-A-02-V Datasheet
67Kb / 1P
WIRE TO BOARD A TYPE 2 POLES
DME-A-03-V ADAM-TECH-DME-A-03-V Datasheet
67Kb / 1P
WIRE TO WIRE FEMALE 3 POLES
DME-A-03-V-MT ADAM-TECH-DME-A-03-V-MT Datasheet
67Kb / 1P
WIRE TO WIRE FEMALE 3 POLES
More results

Similar Description - DME800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1035MP ADPOW-1035MP Datasheet
179Kb / 2P
35 Watts, 50 Volts Avionics 1025 - 1150 MHz
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
logo
Microsemi Corporation
1015MP MICROSEMI-1015MP Datasheet
109Kb / 3P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1090MP MICROSEMI-1090MP Datasheet
91Kb / 3P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
DME150 MICROSEMI-DME150 Datasheet
426Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
MS2553C MICROSEMI-MS2553C Datasheet
225Kb / 5P
35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com