Electronic Components Datasheet Search
  English  ▼

X  

DME800 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # DME800
Description  800 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

DME800 Datasheet(HTML) 2 Page - Advanced Power Technology

  DME800 Datasheet HTML 1Page - Advanced Power Technology DME800 Datasheet HTML 2Page - Advanced Power Technology DME800 Datasheet HTML 3Page - Advanced Power Technology DME800 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DME800
Power Output & Efficiency vs. Power Input
F=1090 MHz
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
Power Input (Wpk)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
1090 MHz
Eff (%)
Power Output & Efficiency vs. Power Input
F=1025 MHz
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
Power Input (Wpk)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
1025 MHz
Eff (%)
Power Output & Efficiency vs. Power Input
F = 1150 MHz
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
Power Input (Wpk)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
1150 MHz
Eff (%)
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.advancedpower.com or contact our factory direct.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com