Electronic Components Datasheet Search
  English  ▼

X  

DRF100 Datasheet(PDF) 7 Page - Advanced Power Technology

Part # DRF100
Description  High Speed MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

DRF100 Datasheet(HTML) 7 Page - Advanced Power Technology

Back Button DRF100 Datasheet HTML 3Page - Advanced Power Technology DRF100 Datasheet HTML 4Page - Advanced Power Technology DRF100 Datasheet HTML 5Page - Advanced Power Technology DRF100 Datasheet HTML 6Page - Advanced Power Technology DRF100 Datasheet HTML 7Page - Advanced Power Technology DRF100 Datasheet HTML 8Page - Advanced Power Technology DRF100 Datasheet HTML 9Page - Advanced Power Technology DRF100 Datasheet HTML 10Page - Advanced Power Technology DRF100 Datasheet HTML 11Page - Advanced Power Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
T1
T2
T3 T4
A
B
C
T1 T2
T3
T4
A
B
C
Figure 17
The real time gating of the FN function
is illustrated in Figure 17. At
T1 the FN
trace (
C) is deactivated and at T4 it is
reactivated.
The output is shown as trace (
B), There
is significant ringing on both the leading
and tailing edges. Trace (
A) is the
input control signal
Figure 18
In Figure 18, trace (
B) shows the anti-
ring function active during the pulse.
In trace (
B) we see the output with a
greatly reduced ring amplitude.
Note: load = 50Ω + 3nF, series induc-
tance is estimated at 3nH. A typical
MOSFET can exceed this value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com