Electronic Components Datasheet Search
  English  ▼

X  

DRF100 Datasheet(PDF) 12 Page - Advanced Power Technology

Part # DRF100
Description  High Speed MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

DRF100 Datasheet(HTML) 12 Page - Advanced Power Technology

Back Button DRF100 Datasheet HTML 4Page - Advanced Power Technology DRF100 Datasheet HTML 5Page - Advanced Power Technology DRF100 Datasheet HTML 6Page - Advanced Power Technology DRF100 Datasheet HTML 7Page - Advanced Power Technology DRF100 Datasheet HTML 8Page - Advanced Power Technology DRF100 Datasheet HTML 9Page - Advanced Power Technology DRF100 Datasheet HTML 10Page - Advanced Power Technology DRF100 Datasheet HTML 11Page - Advanced Power Technology DRF100 Datasheet HTML 12Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Mounting instructions for Flangeless Packages
Heat sink mounting of any device in the Flangeless Package family follows the same
process details outlined in this document.
Heat Sink Surface:
1. The heat sink surface should be smooth, free
of nicks and burs; in addition it should be flat to
≤.001in./in TIR, (Total Indicator Run out) and be
finished to ~ 68µ CLA, (Center Line Average).
2. Must be free of solder balls, metal shavings and
any foreign objects or material.
Device Preparation:
1. The leads should be prepared with an “s” bend, as
shown in Figure 25 prior to mounting on the heat sink.
2. The BeO surface of the device must be
free of any foreign objects or material.
3. The BeO surface must be coated with a
thin and uniform film of thermal compound.
4. For commercial manufacturing the
suggested method for thermal compound
application is to apply the compound using
a screen printer. This process insures con-
sistent and repeatable performance with
minimum effort.
Mechanical Attachment:
1. The four screws (1-2-3-4), as shown in
Figure 24, should be installed and seated,
then torqued to one-half the specification,
in the sequence shown. First screw 1 then
screw 2, 3 and 4.
2. Then complete the process by tighten-
ing to the full specification in the same
manner.
3. The torque spec is 8in.lb. ± 1lb.
(0.9Nm)
Lead Attachment:
1. The leads may now be soldered to the
PCB
2. Maximum lead temperature must not
exceed 300oC for 10s.
3. For lead free use 96.5 % tin, 3% silver,
and 0.5% copper.
4. Non-lead Free use 2% Silver, 62% Tin,
36% lead (sn62).
Figure 24, Top and Side View of a T3 device
Figure 25, Stress Relief bend
DRF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com