Electronic Components Datasheet Search
  English  ▼

X  

MS1001 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1001
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1001 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1001 Datasheet HTML 1Page - Advanced Power Technology MS1001 Datasheet HTML 2Page - Advanced Power Technology MS1001 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
MS1001
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 50 mA
IE = 0 mA
36
---
---
V
BVCES
IC = 100 mA
VBE = 0 V
36
---
---
V
BVCEO
IC = 100 mA
IB = 0 mA
18
---
---
V
BVEBO
IE = 10 mA
IC = 0 mA
4.0
---
---
V
ICES
VCE = 15 V
IE = 0 mA
---
---
15
mA
hFE
VCE = 5 V
IC = 5 A
20
---
200
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 30MHz
PIN = 3.8 W
VCE =12.5V
75
---
---
WPEP
GP
f = 30MHz
PIN = 3.8 W
VCE =12.5V
13
---
---
dB
IMD*
f = 30MHz
VCC =12.5V
ICQ = 100mA
-32
---
---
dBC
COB
f = 1 MHz
VCB =12V
---
350
---
pf
Condition
s
f1 = 30.000 MHz
f2 = 30.001 MHz
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
30 MHz
0.7 + j0.75
1.2 + j1.0
PIN = 3.8W
VCC=12.5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com