Electronic Components Datasheet Search
  English  ▼

X  

MS1011 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1011
Description  RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1011 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1011 Datasheet HTML 1Page - Advanced Power Technology MS1011 Datasheet HTML 2Page - Advanced Power Technology MS1011 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1011
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The MS1011 is a 50 V epitaxial silicon NPN planar transistor
designed primarily for SSB and VHF communications. This device
utilizes emitter ballasting for improved ruggedness and reliability.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
110
V
VCEO
Collector-Emitter Voltage
55
V
VEBO
Emitter-Base Voltage
4
V
IC
Device Current
40
A
PDISS
Power Dissipation
330
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
–65 to +150
°°C
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
0.4
°°C/W
Features
Features
• OPTIMIZED FOR SSB
• 30 MHz
• 50 VOLTS
• IMD — 30 dB
• GOLD METALLIZATION
• COMMON EMITTER
• P
OUT = 250 W PEP WITH 14.5 dB GAIN
RF AND MICROWAVE TRANSISTORS
HF SSB APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1011

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS10100 MICROSEMI-MS10100 Datasheet
120Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
MS10180 EIC-MS10180 Datasheet
97Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - MS1011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1204 ADPOW-MS1204 Datasheet
102Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MSC1075MP ADPOW-MSC1075MP Datasheet
141Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1006 ADPOW-MS1006 Datasheet
104Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com