Electronic Components Datasheet Search
  English  ▼

X  

MS1011 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1011
Description  RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1011 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1011 Datasheet HTML 1Page - Advanced Power Technology MS1011 Datasheet HTML 2Page - Advanced Power Technology MS1011 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1011
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCES
IC = 200 mA
VBE = 0 V
110
V
BVCEO
IC = 200 mA
IB = 0 mA
55
V
BVEBO
IE = 20 mA
IC = 0 mA
4
V
ICEO
VCE = 30 V
IE = 0 mA
10
mA
ICES
VCE = 60 V
IE = 0 mA
10
mA
hFE
VCE = 6 V
IC = 1.4 A
15
45
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 30 MHz
VCE = 50 V
ICQ = 150 mA
250
W
GP *
POUT = 250 W PEP
VCE = 50 V
ICQ = 150 mA
14.5
dB
IMD *
POUT = 250 W PEP
VCE = 50 V
ICQ = 150 mA
–30
dBc
çC *
POUT = 250 W PEP
VCE = 50 V
ICQ = 150 mA
37
%
COB
f = 1 MHz
VCB = 50 V
360
PF
Note:
Two Tone Method: f1 = 30.00 MHz; f2 = 30.001 MHz
In Class C:
GP Min. 13.5 dB. Efficiency 65% @ 30 MHz
GP Min. 10 dB. Efficiency 57% @ 70 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com