Electronic Components Datasheet Search
  English  ▼

X  

MS1406 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1406
Description  RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1406 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1406 Datasheet HTML 1Page - Advanced Power Technology MS1406 Datasheet HTML 2Page - Advanced Power Technology MS1406 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1406
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS1406 is a silicon NPN transistor designed for
12.5V AM Class C amplifiers operating in the 118–136 MHz
aviation band and for 28V FM Class C amplifiers used in
ground station transmitters. Diffused emitter ballast and
gold metalization provide maximum ruggedness and
reliability.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector- Base Voltage
65
V
VCEO
Collector-Emitter Voltage
35
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Continuous Collector Current
3.0
A
PD
Total Dissipation
30
W
Tj
Junction Temperature
200
º C
TSTG
Storage Temperature
-65 to +200
º C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
5.8
°°C/W
Features
Features
• 175MHz
• 12.5 VOLTS
• GOLD METALIZATION
• Pout = 20WATTS
• Gp = 8.0 dB MINIMUM
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
FM MOBILE APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1406

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS14004-1 ITT-MS14004-1 Datasheet
517Kb / 41P
CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
logo
Microsemi Corporation
MS1401 MICROSEMI-MS1401 Datasheet
51Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS1401 ADPOW-MS1401 Datasheet
91Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
logo
Microsemi Corporation
MS1402 MICROSEMI-MS1402 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS1402 ADPOW-MS1402 Datasheet
90Kb / 3P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results

Similar Description - MS1406

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1457 STMICROELECTRONICS-SD1457 Datasheet
61Kb / 5P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
Nov-1992
logo
Microsemi Corporation
SD1272-2 MICROSEMI-SD1272-2 Datasheet
427Kb / 4P
RF & MICROWAVE TRANSISTORS 130-230 MHz FM MOBILE APPLICATIONS
logo
Advanced Power Technolo...
SD1013 ADPOW-SD1013 Datasheet
113Kb / 4P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
2N5589 MICROSEMI-2N5589 Datasheet
620Kb / 5P
RF & MICROWAVE TRANSISTORS 130...230MHz FM MOBILE APPLICATIONS
SD1272 MICROSEMI-SD1272 Datasheet
603Kb / 5P
RF & MICROWAVE TRANSISTORS 130...230MHz FM MOBILE APPLICATIONS
logo
Advanced Power Technolo...
SD1018 ADPOW-SD1018 Datasheet
89Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
MS1202 MICROSEMI-MS1202 Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
SD1018-06 MICROSEMI-SD1018-06 Datasheet
108Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1127 NJSEMI-SD1127 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS VHP FM MOBILE APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com