Electronic Components Datasheet Search
  English  ▼

X  

MS1406 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1406
Description  RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1406 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1406 Datasheet HTML 1Page - Advanced Power Technology MS1406 Datasheet HTML 2Page - Advanced Power Technology MS1406 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1406
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCES
IC = 200 mA
VBE = 0 mA
65
---
---
V
BVCEO
IC = 200 mA
IB = 0 mA
35
---
---
V
BVEBO
IE = 10 mA
IC = 0 mA
4.0
---
---
V
ICBO
VCB = 30 V
IE = 0 mA
---
---
1.0
mA
hFE
VCE = 5 V
IC = 200 mA
10
---
200
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 175MHz
PIN = 3.0W
VCE = 28V
20
---
---
W
GP
f = 175MHz
PIN = 3.0W
VCE = 28V
8.2
---
---
dB
η
C
f = 175MHz
PIN = 3.0W
VCE = 28V
60
---
---
%
COB
VCB = 30V
f = 1 MHz
---
---
35
pf
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
175 MHz
1.1 + j1.15
9.0 - j9.60
PIN = 3.0W
VCC=28V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com