Electronic Components Datasheet Search
  English  ▼

X  

MS1454 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1454
Description  RF AND MICROWAVE TRANSISTORS 806-960 MHZ CELLULAR BASE STATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1454 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1454 Datasheet HTML 1Page - Advanced Power Technology MS1454 Datasheet HTML 2Page - Advanced Power Technology MS1454 Datasheet HTML 3Page - Advanced Power Technology MS1454 Datasheet HTML 4Page - Advanced Power Technology MS1454 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MS1454
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS1454 gold/metallized epitaxial silicon NPN planar transistor
uses diffused emitter ballast resistors for high linearity class AB
operation in cellular base station applications.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
48
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
3.5
V
PDISS
Total Power Dissipation
88
W
IC
Collector Current
7.5
A
Tj
Junction Temperature
+200
°°C
Tstg
Storage Temperature
-65 to +150
°°C
THERMAL DATA
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
2
°°C/W
Features
Features
• Gold Metallization
• Diffused Emitter Ballasting
• Internal Input Matching
• Designed for Linear Operation
• High Saturated Power Capability
• Common Emitter Configuration
• P
OUT
30 W MIN
• Gain
7.5 dB
• Efficiency
55% (Typ)
• 20:1 VSWR
• Overdrive Survivability 5 dB
RF AND MICROWAVE TRANSISTORS
806-960 MHZ CELLULAR BASE STATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1454

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
logo
TE Connectivity Ltd
MS1451 TEC-MS1451 Datasheet
150Kb / 5P
PC Board Mountable Pressure Sensor
logo
Advanced Power Technolo...
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
MS1453 ADPOW-MS1453 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASESTATION APPLICATIONS
MS1455 ADPOW-MS1455 Datasheet
132Kb / 4P
RF & MICROWAVE TRANSISTORS 800 - 900 MHz APPLICATIONS
More results

Similar Description - MS1454

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4017 STMICROELECTRONICS-SD4017 Datasheet
87Kb / 7P
RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
19-Jul-1994
SD4590 STMICROELECTRONICS-SD4590 Datasheet
114Kb / 8P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
Mar-2000
logo
Microsemi Corporation
SD1400 MICROSEMI-SD1400 Datasheet
610Kb / 5P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS C, BASE STATIONS
SD1420 MICROSEMI-SD1420 Datasheet
310Kb / 3P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS AB BASE STATIONS
SD1495 MICROSEMI-SD1495 Datasheet
348Kb / 3P
RF & MICROWAVE TRANSISTORS 850-890 MHz CLASS C BASE STATIONS
SD14950-3 MICROSEMI-SD14950-3 Datasheet
334Kb / 3P
RF & MICROWAVE TRANSISTORS 900-960 MHz CLASS C BASE STATIONS
SD1496-3 MICROSEMI-SD1496-3 Datasheet
334Kb / 3P
RF & MICROWAVE TRANSISTORS 900-960 MHz CLASS C BASE STATIONS
SD1496 MICROSEMI-SD1496 Datasheet
325Kb / 3P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS C, BASE STATIONS
logo
Advanced Power Technolo...
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com