Electronic Components Datasheet Search
  English  ▼

X  

MS1454 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1454
Description  RF AND MICROWAVE TRANSISTORS 806-960 MHZ CELLULAR BASE STATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1454 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1454 Datasheet HTML 1Page - Advanced Power Technology MS1454 Datasheet HTML 2Page - Advanced Power Technology MS1454 Datasheet HTML 3Page - Advanced Power Technology MS1454 Datasheet HTML 4Page - Advanced Power Technology MS1454 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS1454
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCES
IC = 100 mA
48
55
---
V
BVEBO
IE = 10 mA
3.5
5
---
V
BVCEO
IC = 40 mA
25
28
---
V
BVCER
IE = 40 mA
RBE = 100
Ω
Ω
30
40
---
V
ICBO
VCE = 24 V
---
---
---
mA
hFE
VCE = 20 V
IC = 2 A
15
40
100
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 860 MHz
ICQ = 60 mA
VCE = 25 V
30
---
---
W
ηη
C
f = 860 MHz
ICQ = 60 mA
VCE = 25 V
---
55
---
%
GP
f = 860 MHz
ICQ = 60 mA
VCE = 25 V
7.5
9
---
DB
COB
VCB = 25 V
f0 = 1 MHz
---
42
---
pF
IMD3
POUT = 30 W PEP f1 = 860.0 MHz
f2 = 860.1
MHz
---
–35
---
dBc
VSWR1
VSWR = 20:1 VCE = 25 V
VSWR = 10:1 VCE= 25 V
±± 20%
NO DEGRADATION IN
OUTPUT DEVICE
Typ.
VSWR2
VSWR = 5:1 VCE = 25 V
±± 20%
PIN = PIN (norm) + 3 dB
NO DEGRADATION IN
OUTPUT DEVICE
Typ.
OVD
PIN(norm) = +5dB
VCE = 25 V
PIN(norm) = +5dB
VCE = 25 V
±± 20%
NO DEGRADATION IN
OUTPUT DEVICE
Typ.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com