Electronic Components Datasheet Search
  English  ▼

X  

MS1503 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1503
Description  RF & MICROWAVE TRANSISTORS WIDE BAND VHF/UHF APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1503 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1503 Datasheet HTML 1Page - Advanced Power Technology MS1503 Datasheet HTML 2Page - Advanced Power Technology MS1503 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1503
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS1503 is a 28V Class C epitaxial silicon NPN planar
transistor designed primarily for UHF communications. The
device utilizes diffused emitter resistors to achieve infinite
VSWR capability under operating conditions. Internal inpedance
matching produces optimum power gain and efficiency over the
225-400MHz band.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
33
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
4.0
A
PDISS
Power Dissipation
250
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 +150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
0.7
°°C/W
Features
Features
• 400 MHz
• 28 VOLTS
• GOLD METALIZATION
• P
OUT = 100 WATTS
• G
P = 7.0 dB GAIN MINIMUM
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
WIDE BAND VHF/UHF APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS150 ETC2-MS150 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS150 CADDOCK-MS150 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
Advanced Power Technolo...
MS1501 ADPOW-MS1501 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1502 ADPOW-MS1502 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
logo
Microsemi Corporation
MS1504 MICROSEMI-MS1504 Datasheet
173Kb / 4P
RF & MICROWAVE TRANSISTORS
More results

Similar Description - MS1503

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1463 STMICROELECTRONICS-SD1463 Datasheet
36Kb / 3P
RF & MICROWAVE TRANSISTORS VHF/UHF APPLICATIONS
23-Aug-1996
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
logo
Toshiba Semiconductor
TA4000F TOSHIBA-TA4000F Datasheet
140Kb / 4P
VHF~UHF WIDE BAND AMPLIFIER APPLICATIONS
logo
Microsemi Corporation
2N3375 MICROSEMI-2N3375 Datasheet
609Kb / 5P
RF & MICROWAVE TRANSISTORS VHF-UHF CLASS C WIDE BAND
logo
Advanced Power Technolo...
SD1013-03 ADPOW-SD1013-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
logo
Toshiba Semiconductor
TA4022F TOSHIBA-TA4022F Datasheet
236Kb / 8P
VHF-UHF Wide Band Amplifier Applications
TA4023F TOSHIBA-TA4023F Datasheet
249Kb / 8P
VHF-UHF Wide Band Amplifier Applications
JDP3C13U TOSHIBA-JDP3C13U Datasheet
144Kb / 3P
UHF~VHF Band RF Switch Applications
1SV237TE85LF TOSHIBA-1SV237TE85LF Datasheet
125Kb / 3P
VHF~UHF Band RF Attenuator Applications
JDP2S02ACT TOSHIBA-JDP2S02ACT_14 Datasheet
146Kb / 4P
UHF-VHF Band RF Switch Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com