Electronic Components Datasheet Search
  English  ▼

X  

MS1503 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1503
Description  RF & MICROWAVE TRANSISTORS WIDE BAND VHF/UHF APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1503 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1503 Datasheet HTML 1Page - Advanced Power Technology MS1503 Datasheet HTML 2Page - Advanced Power Technology MS1503 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1503
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 100 mA
IE = 0 V
60
---
---
V
BVCEO
IC = 50 mA
IB = 0 mA
33
---
---
V
BVEBO
IE = 20 mA
IC = 0 mA
4.0
---
---
V
ICES
VCB = 28 V
IE = 0 mA
---
---
25
mA
HFE
VCE = 5 V
IC = 1 A
20
---
200
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 400 MHz
PIN = 20W
VCE = 28V
100
---
---
W
GP
f = 400 MHz
PIN = 20W
VCE = 28V
7.0
---
---
dB
ηη
C
f = 400 MHz
PIN = 20W
VCE = 28V
50
---
---
%
%
Cob
f =1 MHz
VCB = 28V
---
---
105
pf
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
225 MHz
1.3 + j1.8
5.4 – j0.5
300 MHz
1.1 + j2.4
3.9 – j0.7
350 MHz
0.8 + j3.0
2.6 – j1.0
375 MHz
0.75 + j3.5
2.2 – j1.4
400 MHz
0.70 + j3.6
1.8 – j1.9
PIN = 20 W
VCE = 28 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com