Electronic Components Datasheet Search
  English  ▼

X  

MS1582 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1582
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1582 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1582 Datasheet HTML 1Page - Advanced Power Technology MS1582 Datasheet HTML 2Page - Advanced Power Technology MS1582 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1582
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVcbo
IC = 50 mA
IE = 0 mA
45
---
---
V
BVceo
IC = 200 mA
IB = 0 mA
30
---
---
V
BVebo
IE= 10 mA
IC = 0 mA
3.0
---
---
V
Iceo
VCE = 25 V
IE = 0 mA
---
---
5
mA
HFE
VCE = 5 V
IC = 3 A
10
---
80
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GP
f = 860 MHz
PIN = 3.1 W
VCE = 25 V
9.0
---
---
dB
IMD3
f = 860 MHz
POUT = 25 W
VCE = 25 V
---
---
-45
dB
Pout
f = 860 MHz
PIN = 3.95 W
VCE = 25 V
25
---
---
W
COB
f = 1 MHz
VCB = 28 V
---
70
---
pf
Conditions:
VCE = 25 V
IC = 3.2 A
IMPEDANCE DATA:
IMPEDANCE DATA:
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
470 MHz
7.5 + j 9.5
25 + j 7.5
590 MHz
8.2 + j 7.5
15.6 - j 0.13
710 MHz
6.6 + j 6.2
11.9 - j 0.28
860 MHz
4.7 + j 3.0
6.7 - j 0.38
POUT = 25W
VCC = 25V
IC = 3.2 A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com