Electronic Components Datasheet Search
  English  ▼

X  

MS2290 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2290
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2290 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2290 Datasheet HTML 1Page - Advanced Power Technology MS2290 Datasheet HTML 2Page - Advanced Power Technology MS2290 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS2290
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
DESCR
DESCRIPTION:
IPTION:
The MS2290 is a common emitter, silicon NPN, microwave
transistor designed for Class A driver applications under
DME or IFF pulse conditions. This device is capable of
withstanding an infinite load VSWR at any phase angle
under rated conditions.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter
20
V
VCBO
Collector-Base Voltage
50
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Collector Current
200
mA
PD
Total Device Dissipation
7.0
W
Tstg
Storage Temperature Range
-65 + 150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
25
°°C/W
Features
Features
• 1090 MHz
• 18 VOLTS
• P
out = 0.2 WATTS
• G
P= 10 dB MINIMUM
• CLASS A OPERATION
• INFINITE VSWR CAPABILITY @ RATED CONDITIONS
• COMMON EMITTER CONFIGURATION
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2290

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MS22 MOSPEC-MS22 Datasheet
234Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
Weitron Technology
MS22 WEITRON-MS22 Datasheet
452Kb / 3P
Surface Mount Schottky Power Rectifier
logo
Kwang Myoung I.S. CO.,L...
MS22 KISEMICONDUCTOR-MS22 Datasheet
5Mb / 2P
Schottky Bridge Rectifier
logo
List of Unclassifed Man...
MS220 ETC2-MS220 Datasheet
233Kb / 2P
Power Film Resistors
logo
Zibo Seno Electronic En...
MS220 ZSELEC-MS220 Datasheet
135Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - MS2290

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1540 NJSEMI-SD1540 Datasheet
111Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com