Electronic Components Datasheet Search
  English  ▼

X  

MS2290 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2290
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2290 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2290 Datasheet HTML 1Page - Advanced Power Technology MS2290 Datasheet HTML 2Page - Advanced Power Technology MS2290 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS2290
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCEO
IC = 5.0 mA
IB = 0 mA
20
---
---
V
BVCES
IC = 5.0 mA
VBE = 0mA
50
---
---
V
BVCBO
IC = 5.0 mA
IE = 0 mA
50
---
---
V
BVEBO
IE = 1.0 mA
IC = 0 mA
3.5
---
---
V
ICBO
VCB = 20 V
IE = 0 mA
---
---
0.5
mA
HFE
VCE = 5.0 V
IC = 100 mA
10
---
100
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GPE
f =1090 MHz
POUT = 0.2 W
VCE = 18 V
10
---
---
dB
COB
f = 1.0 MHz
VCB = 28 V
---
---
5.0
pf
Conditions:
VCE = 18V
ICQ = 100mA
IMPEDANCE DATA
IMPEDANCE DATA
Freq
ZIN(
Ω)
ZCL(
Ω)
1090 MHz
3.4 + j12
8.2 + j27
POUT = 200 mW
VCE = 18 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com