Electronic Components Datasheet Search
  English  ▼

X  

R591 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R591
Description  COAXIAL SUBMINIATURE MULTIPORT SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R591 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R591 Datasheet HTML 1Page - List of Unclassifed Manufacturers R591 Datasheet HTML 2Page - List of Unclassifed Manufacturers R591 Datasheet HTML 3Page - List of Unclassifed Manufacturers R591 Datasheet HTML 4Page - List of Unclassifed Manufacturers R591 Datasheet HTML 5Page - List of Unclassifed Manufacturers R591 Datasheet HTML 6Page - List of Unclassifed Manufacturers R591 Datasheet HTML 7Page - List of Unclassifed Manufacturers R591 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical Data Sheet
COAXIAL SUBMINIATURE MULTIPORT SWITCHES
PAGE 2/8
ISSUE 09-02-18
SERIES SPnT
PART NUMBER R591 XXX XXX
This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written agreement
from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary.
GENERAL SPECIFICATIONS
Operating mode
Normally open
Latching
Nominal operating voltage (Vdc)
(across operating temperature range)
12 (10.2 / 13)
28 (21 / 30)
12 (10.2 / 13)
28 (21 / 30)
Coil resistance (+/-10%) (Ohms)
48
250
60
285
Nominal operating current at 23°C (mA)
250
110
200
98
Average power
See Power Rating Chart on final page
TTL input
High Level
2.2 to 5.5 Volts
Low Level
0 to 0.8 V
Switching time max (ms)
10
Life min for
SMA / QMA
10 million cycles
SMA 2.9
2 million cycles
Connectors
SMA
– QMA – SMA 2.9
Actuator
terminals
Solder Pins
Solder pins double row connector for wrapping, soldering
(250°C max / 30 sec), or connecting to 2.54 mm pitch female connector.
9 pin micro-D
9 pin micro-D receptacle M83513/07-A according to MIL-C-85513.
Operating temperature range (°C)
-40 to +85
Storage temperature range (°C)
-55 to +85
Sine vibration
(According to MIL STD 202, Method 204D, Cond. D)
10-2000 Hz, 20g
operating
Random vibration
(According to MIL STD 202, Method 214A, Profile I, Cond. F)
50-2000 Hz, 20.71grms
operating
Shock
(According to MIL STD 202, Method 213B, Cond. C)
100g / 6 ms, ½ sine
operating
RF PERFORMANCES
Connectors Frequency Range GHz
V.S.W.R.
(max)
Insertion Loss
(max) dB
Isolation
(min) dB
Max. average
power (W) (1)
Impedance
Ohms
SMA / QMA
DC
– 6
DC
– 3
1.20
0.20
80
250
50
3
– 6
1.30
0.30
70
170
SMA
DC
– 26.5
DC
– 3
1.20
0.20
80
250
50
3
– 8
1.30
0.30
70
150
8
– 12.4
1.40
0.40
60
120
12.4
– 18
1.50
0.50
60
100
18
– 26.5
1.60
0.60
55
40
SMA2.9
DC
– 40
DC
– 3
1.20
0.20
80
60
50
3
– 8
1.30
0.30
70
35
8
– 12.4
1.40
0.40
60
30
12.4
– 18
1.50
0.50
60
25
18
– 26.5
1.70
0.70
55
15
26.5
– 40
2.20
1.10
45
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com