Electronic Components Datasheet Search
  English  ▼

X  

R591 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # R591
Description  COAXIAL SUBMINIATURE MULTIPORT SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R591 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  R591 Datasheet HTML 1Page - List of Unclassifed Manufacturers R591 Datasheet HTML 2Page - List of Unclassifed Manufacturers R591 Datasheet HTML 3Page - List of Unclassifed Manufacturers R591 Datasheet HTML 4Page - List of Unclassifed Manufacturers R591 Datasheet HTML 5Page - List of Unclassifed Manufacturers R591 Datasheet HTML 6Page - List of Unclassifed Manufacturers R591 Datasheet HTML 7Page - List of Unclassifed Manufacturers R591 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Technical Data Sheet
COAXIAL SUBMINIATURE MULTIPORT SWITCHES
PAGE 7/8
ISSUE 09-02-18
SERIES SPnT
PART NUMBER R591 XXX XXX
This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written agreement
from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary.
Pin identification
NC stand
for “Not Connected”
Pin R : Reset all paths
Ways 3 and 6 are not connected for SP4T
PIN
Type
C
V
1
2
3
4
5
6
R
R1
R2
R3
R4
R5
R6
Normally open
Negative
common
-C
NC
+1
+2
+3
+4
+5
+6
NC
NC
NC
NC
NC
NC
NC
Positive
common
+C
NC
-1
-2
-3
-4
-5
-6
NC
NC
NC
NC
NC
NC
NC
Latching
Negative
common
-C
NC
+1
+2
+3
+4
+5
+6
+reset
NC
NC
NC
NC
NC
NC
global reset
Positive
common
+C
NC
-1
-2
-3
-4
-5
-6
-reset
NC
NC
NC
NC
NC
NC
Latching
Negative
common
-C
NC
+1
+2
+3
+4
+5
+6
NC
+res.1
+res.2
+res.3
+res.4
+res.5
+res.6
individual reset
Positive
common
+C
NC
-1
-2
-3
-4
-5
-6
NC
-res.1
-res.2
-res.3
-res.4
-res.5
-res.6
Normally open
with TTL drive
RTN
Vcc
E1
E2
E3
E4
E5
E6
NC
NC
NC
NC
NC
NC
NC
Solder pins (Top view) *
9 pin Micro-D (Top view)
* : Compatible with 2.54 pitch double row 16 contacts female connector



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com