Electronic Components Datasheet Search
  English  ▼

X  

152 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 152
Description  7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152 Datasheet(HTML) 1 Page - Vishay Siliconix

  152 Datasheet HTML 1Page - Vishay Siliconix 152 Datasheet HTML 2Page - Vishay Siliconix 152 Datasheet HTML 3Page - Vishay Siliconix 152 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 152
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
1
Document Number: 57098
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7/8" (22.2 mm) Single Turn Wirewound,
Precision Potentiometer
FEATURES
• Rugged, high-quality, all metal housing
• Short length behind panel 11/32" (8.76 mm)
• Ohmic value range: 5
 to 40 k
• Extra taps available
• Bushing and servo mount types
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, single turn wirewound
Output type
Output by turrets
Market appliance
Industrial
Dimensions
7/8" (22.2 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
Standard Range
5
 to 20 k - special to 40 k
Tolerance
50
 and Above:
Below 50
STANDARD
± 3 %
± 5 %
SPECIAL
± 1 %
± 3 %
Linearity (independent)
Total Resistance
5
 to 100 
100
 to 500 
500
 and Above
STANDARD
± 1.0 %
± 1.0 %
± 0.5 %
BEST PRACTICAL
± 0.75 %
± 0.50 %
± 0.35 %
Noise
100
 ENR
Power Rating (at 40 °C ambient)
2 W
derated to zero at 125 °C
Electrical Angle
340° ± 2°
Insulation Resistance
1000 M
 minimum 500 V
DC
Dielectric Strength
1000 VRMS, 60 Hz
Absolute Minimum Resistance
Not to exceed linearity times total resistance
or 0.5 W whichever is greater
Minimum Voltage
0.5 % max.
Temperature Coefficient of Resistance
Refer to standard resistance element data
ORDERING INFORMATION
152
B
103
MODEL
STYLE
OHMIC VALUE
SPECIAL REQUEST
152
B: bushing
S: servo
470 = 47
222 = 2.200
103 = 10 k
For ohmic value range see
electrical specification
xxxx
PART NUMBER DESCRIPTION (for information only)
152-
1
1
103
xxxx
MODEL
STYLE
GANGS
OHMIC VALUE
SPECIAL
B: 1
S: 2


Similar Part No. - 152

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
152 RENESAS-152 Datasheet
887Kb / 135P
RENESAS MCU
logo
List of Unclassifed Man...
152 ETC2-152 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
Aries Electronics, Inc.
152 ARIES-152 Datasheet
839Kb / 1P
Easy Identification and Tracing with 10-color Cable
logo
New Jersey Semi-Conduct...
152 NJSEMI-152 Datasheet
133Kb / 2P
NPN Power TRANSISTORS
logo
France Joint
152 FRANCEJOINT-152 Datasheet
366Kb / 6P
ROD SEALS
More results

Similar Description - 152

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5100 BITECH-5100 Datasheet
104Kb / 4P
7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL159 VISHAY-MODEL159 Datasheet
272Kb / 4P
7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
07-Sep-07
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
12-Jul-07
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
10-Jul-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
534B1103JLB VISHAY-534B1103JLB Datasheet
102Kb / 4P
7/8 (22.2 mm) Multi Turn Wirewound
27-Jun-12
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
552 VISHAY-552 Datasheet
309Kb / 4P
(22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com