Electronic Components Datasheet Search
  English  ▼

X  

152 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 152
Description  7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152 Datasheet(HTML) 2 Page - Vishay Siliconix

  152 Datasheet HTML 1Page - Vishay Siliconix 152 Datasheet HTML 2Page - Vishay Siliconix 152 Datasheet HTML 3Page - Vishay Siliconix 152 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 152
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
2
Document Number: 57098
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
BUSHING MOUNT TYPE: 152B/152-1...
SERVO MOUNT TYPE: 152S/152-2...
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous
Bearing Type
Servo mount: Ball bearing
Bushing mount: Sleeve bearing
Torque (maximums)
STARTING
RUNNING
Servo
0.25 oz. - in (18.00 g - cm)
0.15 oz. - in (10.80 g - cm)
Bushing
0.30 oz. - in (21.60 g - cm)
0.25 oz. - in (18.00 g - cm)
Mechanical Runouts (maximums)
BUSHING
SERVO
Shaft Runout
0.002" (0.05 cm)
0.002" (0.05 cm)
Pilot Dia. Runout
-
0.002" (0.05 cm)
Lateral Runout
0.005" (0.13 cm)
0.002" (0.05 cm)
Shaft End Play
0.006" (0.15 cm)
0.005" (0.13 cm)
Shaft Radial Play
0.003" (0.08 cm)
0.002" (0.05 cm)
Weight
0.5 oz. maximum (14.18 g)
MOUNTING SURFACE
0.875
(22.22)
± 0.031
0.030 MAX.
(0.76)
Ø 0.375 (9.52) X 0.062 (1.57)
WIDE IMPERFECT THR’D AREA
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
0.312
(7.92)
Ø 0.350 MAX.
(8.89)
3/
8 - 32 UNEF - 2A
Ø 0.062 (1.57) x 0.062 HIGH
(1.57) LOCATING PIN
0.365
(9.27)
± 0.010
± 0.015
0.345
(8.76)
± 0.010
0.125
(3.18)
Ø 0.875
(22.22)
90°
0.190 TERMINAL RADIUS
(4,83)
0.500
(12.70)
MOUNTING SURFACE
Ø 0.200 MAX.
(5.08)
0.1248 Ø
(3.17)
+ 0.0000
- 0.0005
Ø 0.7500
(19.05)
Ø 0.875
(22.22)
Ø 0.750
MAX.
(19.05)
± 0.015
0.455 (11.56)
0.062 (1.57)
0.062 (1.57)
0.062 (1.57)
0.020 MAX.
(0.51)
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
2
3
1
SCHEMATIC
CW
+ 0.0000
- 0.0003
± 0.031



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com