Electronic Components Datasheet Search
  English  ▼

X  

18 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 18
Description  Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

18 Datasheet(HTML) 1 Page - Vishay Siliconix

  18 Datasheet HTML 1Page - Vishay Siliconix 18 Datasheet HTML 2Page - Vishay Siliconix 18 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model 18
www.vishay.com
Vishay Spectrol
Revision: 01-Apr-2021
1
Document Number: 57078
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Model 18 (PR2)
22.2 mm Diameter, 15 Turn Dial
FEATURES
•No backlash
• Compact-requires minimal panel space
(22.2 mm diameter requirement)
• For use with precision potentiometers or other rotating
devices, up to 15 turns
• Designed for metal shaft
• High force “Click Brake”
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (inches)
QUICK REFERENCE DATA
Sensor type
DIALS
Market appliance
Industrial
Dimensions
22.2 mm diameter
MECHANICAL SPECIFICATIONS
Accepts Shaft Diameter
6.35 mm (0.250") / 6 mm / 3.17 mm (0.125") / 3 mm
Number of Turns
0 to 15
Dial Division
50 per turn
Torque with Brake Engaged
5 oz. - in (350 g - cm) min.
Weight
15 g
Set Screw
UNC 2-56
Hex Key Size
1:27 mm (0.05")
Bushing Extension Beyond Panel
6.35 mm (0.250") max.
Shaft Extension Beyond Panel
18.1 mm (0.710") min.
22.2 mm (0.875") max.
0 90
10
Ø 0.40 DEEP 0.30 (Ø 10.1 PROF 7.6)
Ø 0.65 DEEP 0.125 (16.5 PROF 3.2)
0.025 (0.65)
SPACER
ANTIROTATION
BLACK PLACTIC
0.05 (1.3)
Ø 0.250 + 0.001
(6.35 + 0.025)
SCREW 2 - 56 UNC
HEX 0.05
0.880 (22.2)
MTG. FACE
0.375 (9.53)
0.575 (14.6)
Ø 0.875 (22.2)


Similar Description - 18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
28 mm Diameter Twenty-One Turn Dial
10-Jul-12
18A11B10 VISHAY-18A11B10 Datasheet
158Kb / 2P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
09-Nov-06
21PA11B10 VISHAY-21PA11B10 Datasheet
229Kb / 2P
46.0 mm Diameter Eleven Turn Dial
23-Jan-07
534B1103JLB VISHAY-534B1103JLB Datasheet
102Kb / 4P
7/8 (22.2 mm) Multi Turn Wirewound
27-Jun-12
21P VISHAY-21P Datasheet
93Kb / 2P
46.0 mm Diameter Eleven Turn Dial
10-Jul-12
logo
TT Electronics.
2600 TTELEC-2600 Datasheet
486Kb / 2P
Turn Counting Dial
2640 TTELEC-2640 Datasheet
500Kb / 2P
Turn Counting Dial
logo
Vishay Siliconix
11 VISHAY-11 Datasheet
82Kb / 2P
25.4 mm Diameter Eleven Turn Dial
01-Apr-2021
21 VISHAY-21 Datasheet
90Kb / 2P
46.02 mm Diameter 15 Turn Dial
01-Apr-2021
25 VISHAY-25 Datasheet
71Kb / 2P
Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
06-Aug-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com