Electronic Components Datasheet Search
  English  ▼

X  

18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 18
Description  Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

18 Datasheet(HTML) 2 Page - Vishay Siliconix

  18 Datasheet HTML 1Page - Vishay Siliconix 18 Datasheet HTML 2Page - Vishay Siliconix 18 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 18
www.vishay.com
Vishay Spectrol
Revision: 01-Apr-2021
2
Document Number: 57078
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION / DESCRIPTION
18
A
11
B010
e
MODEL
SHAFT DIAMENTER
ACCOMODATION AND FIXINGS
FINISH
PACKAGING
LEAD
FINISH
A 1/4" dia. shaft - 1 set screw
B 6 mm metric bore - 1 set screw
C 1/8" dia. shaft - 1 set screw
D 3 mm metric bore - 1 set screw
11 Satin chrome, black markings (standard)
41 Satin chrome, white markings
Example: 18 - A - 11
SAP PART NUMBERING GUIDELINES
18
A
11
B10
MODEL
SHAFT DIAMETER
FINISH
PACKAGING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com