Electronic Components Datasheet Search
  English  ▼

X  

XB1002 Datasheet(PDF) 4 Page - Mimix Broadband

Part # XB1002
Description  36.0-43.0 GHz GaAs MMIC Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1002 Datasheet(HTML) 4 Page - Mimix Broadband

  XB1002 Datasheet HTML 1Page - Mimix Broadband XB1002 Datasheet HTML 2Page - Mimix Broadband XB1002 Datasheet HTML 3Page - Mimix Broadband XB1002 Datasheet HTML 4Page - Mimix Broadband XB1002 Datasheet HTML 5Page - Mimix Broadband XB1002 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
36.0-43.0 GHz GaAs MMIC
Buffer Amplifier
Page 4 of 6
App Note [1] Biasing - As shown in the bonding diagram, this device can be operated with all four stages in parallel, and can be biased for
low noise performance or high power performance. Low noise bias is nominally Vd=3V, Id=110mA. More controlled performance will be
obtained by separately biasing Vd1 and Vd2 each at 3.0V, 55mA. Power bias may be as high as Vd=5.5V, Id=220mA with all stages in parallel,
or most controlled performance will be obtained by separately biasing Vd1 and Vd2 each at 5.5V, 110mA. It is also recommended to use
active biasing to keep the currents constant as the RF power and temperature vary; this gives the most reproducible results. Depending on
the supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational
amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of the pHEMT is controlled to maintain
correct drain current and thus drain voltage. The typical gate voltage needed to do this is -0.5V. Typically the gate is protected with Silicon
diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is available before applying
the positive drain supply.
App Note [2] Bias Arrangement -
For Parallel Stage Bias (Recommended for general applications) -- The same as Individual Stage Bias but all the drain or gate pad DC bypass
capacitors (~100-200 pf ) can be combined. Additional DC bypass capacitance (~0.01 uF) is also recommended to all DC or combination (if
gate or drains are tied together) of DC bias pads.
For Individual Stage Bias (Recommended for Saturated Applications) -- Each DC pad (Vd1,2 and Vg1,2) needs to have DC bypass capacitance
(~100-200 pf ) as close to the device as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
MTTFTables
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
78 deg Celsius
98 deg Celsius
118 deg Celsius
FITs
1.20E-03
2.00E-02
2.51E-01
MTTF Hours
8.34E+11
4.99E+10
3.99E+09
Rth
-
68.1° C/W
-
Bias Conditions: Vd1=Vd2=3.0V, Id1=55 mA, Id2=55 mA
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
137 deg Celsius
157 deg Celsius
177 deg Celsius
FITs
1.58E+00
1.30E+01
8.84E+01
MTTF Hours
6.32E+08
7.70E+07
1.13E+07
Rth
-
66.3° C/W
-
Bias Conditions: Vd1=Vd2=5.5V, Id1=110 mA, Id2=110 mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
B1002
April 2005 - Rev 01-Apr-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com