Electronic Components Datasheet Search
  English  ▼

X  

DDTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA
Description  PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA Datasheet HTML 1Page - Diodes Incorporated DDTA Datasheet HTML 2Page - Diodes Incorporated DDTA Datasheet HTML 3Page - Diodes Incorporated DDTA Datasheet HTML 4Page - Diodes Incorporated DDTA Datasheet HTML 5Page - Diodes Incorporated DDTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DDTA (R1
R2 SERIES) E
Document number: DS30318 Rev. 9 - 2
2 of 6
www.diodes.com
April 2018
© Diodes Incorporated
DDTA (R1
R2 SERIES)
E
Absolute Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
Value
Unit
Supply Voltage, (2) to (3)
VCC
-50
V
Input Voltage, (1) to (2)
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
VIN
+5 to -10
+5 to -12
+5 to -12
+7 to -20
+6 to -30
+5 to -30
+6 to -40
+10 to -30
+10 to -40
+15 to -40
+10 to -40
V
Output Current
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
IO
-100
-100
-100
-100
-100
-100
-70
-100
-50
-30
-30
mA
Output Current
All
IC(MAX)
-100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
150
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RJA
833
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Note:
5. Mounted on FR4 PC Board with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com