Electronic Components Datasheet Search
  English  ▼

X  

DDTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTA
Description  PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTA Datasheet HTML 1Page - Diodes Incorporated DDTA Datasheet HTML 2Page - Diodes Incorporated DDTA Datasheet HTML 3Page - Diodes Incorporated DDTA Datasheet HTML 4Page - Diodes Incorporated DDTA Datasheet HTML 5Page - Diodes Incorporated DDTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DDTA (R1
R2 SERIES) E
Document number: DS30318 Rev. 9 - 2
3 of 6
www.diodes.com
April 2018
© Diodes Incorporated
DDTA (R1
R2 SERIES)
E
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
Vl(OFF)
-0.3
-0.3
-0.5
-0.3
-0.3
-0.5
-0.3
-0.8
-0.4
-1.0
-0.8
V
VCC = -5V, IO = -100µA
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
Vl(ON)
-3.0
-3.0
-1.1
-2.5
-1.3
-1.3
-1.4
-3.0
-2.5
-5.0
-4.0
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -3mA
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = -1mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -2mA
Output Voltage
VO(ON)
-0.1
-0.3
V
IO/Il = -5mA/-0.25mA DDTA123E
IO/Il = -5mA/-0.25mA DDTA143E
IO/Il = -5mA/-0.25mA DDTA114E
IO/Il = -10mA/-0.5mA All Others
Input Current
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
Il
-7.2
-3.8
-3.6
-1.8
-1.8
-1.8
-0.88
-0.88
-0.36
-0.16
-0.16
mA
VI = -5V
Output Current
IO(OFF)
-0.5
µA
VCC = -50V, VI = 0V
DC Current Gain
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
Gl
33
33
80
30
68
80
68
24
68
33
56
VO = -5V, IO = -10mA
Input Resistor Tolerance
R1
-30
+30
%
Resistance Ratio Tolerance
R2/R1
-20
+20
%
Gain-Bandwidth Product (Note 6)
fT
250
MHz
VCE = -10V, IE = 5mA, f = 100MHz
Note:
6. Transistor
– For Reference Only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com