Electronic Components Datasheet Search
  English  ▼

X  

DDC114TH Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDC114TH
Description  NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC114TH Datasheet(HTML) 1 Page - Diodes Incorporated

  DDC114TH Datasheet HTML 1Page - Diodes Incorporated DDC114TH Datasheet HTML 2Page - Diodes Incorporated DDC114TH Datasheet HTML 3Page - Diodes Incorporated DDC114TH Datasheet HTML 4Page - Diodes Incorporated DDC114TH Datasheet HTML 5Page - Diodes Incorporated DDC114TH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DDC (XXXX) H
Document number: DS30421 Rev. 5 - 2
1 of 6
www.diodes.com
April 2015
© Diodes Incorporated
DDC (XXXX) H
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary PNP Types Available (DDA)
Built-In Biasing Resistors
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Ant
imony Free. “Green” Device (Note 3)
P/N
R1
R2
MARKING
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
DDC143TH
DDC114TH
22K
Ω
47K
Ω
4.7K
Ω
10K
Ω
2.2K
Ω
10K
Ω
4.7K
Ω
10K
Ω
22K
Ω
47K
Ω
4.7K
Ω
47K
Ω
47K
Ω
10K
Ω
N17
N20
N08
N14
N06
N13
N07
N12
Mechanical Data
Case: SOT-563
Case Material: Molded Plastic; UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.005 grams (Approximate)
Ordering Information (Note 4)
Device
Packaging
Shipping
DDC124EH-7
SOT-563
3,000/Tape & Reel
DDC144EH-7
SOT-563
3,000/Tape & Reel
DDC143EH-7
SOT-563
3,000/Tape & Reel
DDC114YH-7
SOT-563
3,000/Tape & Reel
DDC123JH-7
SOT-563
3,000/Tape & Reel
DDC114EH-7
SOT-563
3,000/Tape & Reel
DDC143TH-7
SOT-563
3,000/Tape & Reel
DDC114TH-7
SOT-563
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated
’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
R1, R2
R
1
R
1
R
2
6
5
4
3
2
1
R
2
R1 Only
R
1
R
1
6
5
4
3
2
1
SCHEMATIC DIAGRAM, TOP VIEW
e3
Nxx = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
NXXYM
SOT-563


Similar Part No. - DDC114TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC114TH DIODES-DDC114TH Datasheet
73Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DDC114TH DIODES-DDC114TH Datasheet
88Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 3 - 2
DDC114TH DIODES-DDC114TH Datasheet
186Kb / 4P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 4 - 2
DDC114TH-7 DIODES-DDC114TH-7 Datasheet
73Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DDC114TH-7 DIODES-DDC114TH-7 Datasheet
88Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 3 - 2
More results

Similar Description - DDC114TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDC124EU DIODES-DDC124EU_2 Datasheet
158Kb / 5P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 9 - 2
DDC124EH DIODES-DDC124EH_2 Datasheet
186Kb / 4P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 4 - 2
DDC122LU DIODES-DDC122LU_1 Datasheet
170Kb / 3P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30424 Rev. 6 - 2
DDC122LH DIODES-DDC122LH_2 Datasheet
168Kb / 3P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 4 - 2
DDC144TH DIODES-DDC144TH Datasheet
266Kb / 5P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
December 2014
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com