Electronic Components Datasheet Search
  English  ▼

X  

DDC114TH Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDC114TH
Description  NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC114TH Datasheet(HTML) 3 Page - Diodes Incorporated

  DDC114TH Datasheet HTML 1Page - Diodes Incorporated DDC114TH Datasheet HTML 2Page - Diodes Incorporated DDC114TH Datasheet HTML 3Page - Diodes Incorporated DDC114TH Datasheet HTML 4Page - Diodes Incorporated DDC114TH Datasheet HTML 5Page - Diodes Incorporated DDC114TH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DDC (XXXX) H
Document number: DS30421 Rev. 5 - 2
3 of 6
www.diodes.com
April 2015
© Diodes Incorporated
DDC (XXXX) H
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic (DDC143TH & DDC114TH only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50µA
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
V
IE = 50µA
Collector Cut-Off Current
ICBO
0.5
A
VCB = 50V
Emitter Cut-Off Current
IEBO
0.5
A
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
IC/IB = 2.5mA / 0.25mA
DDC143TH
IC/IB = 1mA / 0.1mA
DDC114TH
DC Current Transfer Ratio
hFE
100
250
600
IC = 1mA, VCE = 5V
Gain-Bandwidth Product*
fT
250
MHz
VCE = 10V, IE = -5mA, f = 100MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
Vl(off)
0.5
0.5
0.5
0.3
0.5
0.5
1.1
1.1
1.1


1.1
V
VCC = 5V, IO = 100µA
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
Vl(on)
1.9
1.9
1.9


1.9
3.0
3.0
3.0
1.4
1.1
3.0
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 1mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 10mA
Output Voltage
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
VO(on)
0.1
0.3
V
IO/Il = 10mA / 0.5mA
IO/Il = 10mA / 0.5mA
IO/Il = 10mA / 0.5mA
IO/Il = 5mA / 0.25mA
IO/Il = 5mA / 0.25mA
IO/Il = 10mA / 0.5mA
Input Current
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
Il
0.36
0.18
1.8
0.88
3.6
0.88
mA
VI = 5V
Output Current
IO(off)
0.5
µA
VCC = 50V, VI = 0V
DC Current Gain
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
Gl
56
68
20
68
80
30
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
Gain-Bandwidth Product*
fT
250
MHz VCE = 10V, IE = 5mA, f = 100MHz
* Transistor - For Reference Only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com