Electronic Components Datasheet Search
  English  ▼

X  

400ABCAA0 Datasheet(PDF) 21 Page - ON Semiconductor

Part # 400ABCAA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400ABCAA0 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button 400ABCAA0 Datasheet HTML 17Page - ON Semiconductor 400ABCAA0 Datasheet HTML 18Page - ON Semiconductor 400ABCAA0 Datasheet HTML 19Page - ON Semiconductor 400ABCAA0 Datasheet HTML 20Page - ON Semiconductor 400ABCAA0 Datasheet HTML 21Page - ON Semiconductor 400ABCAA0 Datasheet HTML 22Page - ON Semiconductor 400ABCAA0 Datasheet HTML 23Page - ON Semiconductor 400ABCAA0 Datasheet HTML 24Page - ON Semiconductor 400ABCAA0 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
NCP12400
www.onsemi.com
21
Figure 48. Ac Line Drop−out Timing Diagram
time
HV stop
time
VCC
time
DRV
VCC(on)
VCC(min)
Waits next
VccON before
starting
Brown−out
detected
time
VHV
HV timer elapsed
VHV(start)
VHV(stop)
Brown−out
condition
resets the
Internal Latch
tHV
When VHV crosses the VHV(start) threshold, the controller
can start immediately. When it crosses VHV(stop), it triggers
a timer of duration tHV, this ensures that the controller
doesn’t stop in case of line cycle drop−out.
When VHV crosses the VHV(start) threshold, the controller
starts when the VCC crosses the next VCC(on) event. When
it crosses VHV(stop), it triggers a timer of duration tHV, this
ensures that the controller doesn’t stop in case of line cycle
drop−out. The device restart after the ac line voltage
drop−out is protected to the parasitic restart initiated e.g. the
spikes induced at HV pin immediately after the device is
stopped by the residual energy in the EMI filter. The device
restart is allowed only after the 1st watch dog signal event.
The basic principle is shown at Figure 49 and detail of the
device restart is shown at Figure 50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com