Electronic Components Datasheet Search
  English  ▼

X  

400ABCAA0 Datasheet(PDF) 37 Page - ON Semiconductor

Part # 400ABCAA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400ABCAA0 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button 400ABCAA0 Datasheet HTML 33Page - ON Semiconductor 400ABCAA0 Datasheet HTML 34Page - ON Semiconductor 400ABCAA0 Datasheet HTML 35Page - ON Semiconductor 400ABCAA0 Datasheet HTML 36Page - ON Semiconductor 400ABCAA0 Datasheet HTML 37Page - ON Semiconductor 400ABCAA0 Datasheet HTML 38Page - ON Semiconductor 400ABCAA0 Datasheet HTML 39Page - ON Semiconductor 400ABCAA0 Datasheet HTML 40Page - ON Semiconductor 400ABCAA0 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
NCP12400
www.onsemi.com
37
Figure 70. Block Schematic of Overpower Protection Circuit
A 5−bit A/D converter with the peak detector senses the
ac input, and its output is periodically sampled and reset, in
order to follow closely the input voltage variations. The
sample and reset events are given by the output from the ac
line unplug detector. The sensed HV pin voltage peak value
is validated when no HV edges from comparator are present
after last falling edge during 2 sample clocks. See Figure 71
for details.
Overcurrent Protection with Fault Timer
The overload protection depends only on the current
sensing signal, making it able to work with any transformer,
even with very poor coupling or high leakage inductance.
When an overcurrent occurs on the output of the power
supply, the FB loop asks for more power than the controller
can deliver, and the CS set−point reaches VILIM. When this
event occurs, an internal tfault timer is started: once the timer
times out, DRV pulses are stopped and the controller is either
latched off. This latch is released in autorecovery mode. The
controller tries to restart after tautorec. The other possibilities
of the latch release are the brown−out condition or the VCC
power on reset. The timer is reset when the CS set−point
goes back below VILIM before the timer elapses. The fault
timer is also started if the driver signal is reset by the
maximum on time. The controller also enters the same
protection mode if the voltage on the CS pin reaches 1.5
times the maximum internal set−point VCS(stop) (allows to
detect winding short−circuits) or there appears low VCC
supply. See Figure 71 for the timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com