Electronic Components Datasheet Search
  English  ▼

X  

XP1001 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1001
Description  26.0-40.0 GHz GaAs MMIC Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1001 Datasheet(HTML) 2 Page - Mimix Broadband

  XP1001 Datasheet HTML 1Page - Mimix Broadband XP1001 Datasheet HTML 2Page - Mimix Broadband XP1001 Datasheet HTML 3Page - Mimix Broadband XP1001 Datasheet HTML 4Page - Mimix Broadband XP1001 Datasheet HTML 5Page - Mimix Broadband XP1001 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
26.0-40.0 GHz GaAs MMIC
Power Amplifier
Page 2 of 6
Power Amplifier Measurements
XP1001 Vd1,2,3,4=5.5 V Id1,2,3,4=430 mA
-35
-30
-25
-20
-15
-10
-5
0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
S11 Avg
S22 Avg
XP1001 Vd1,2,3,4=5.5 V Id1,2,3,4=430 mA
-10
-5
0
5
10
15
20
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
S21 Avg
S12 Avg
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2004 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
P1001
May 2005 - Rev 05-May-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com