Electronic Components Datasheet Search
  English  ▼

X  

400DABBA0 Datasheet(PDF) 44 Page - ON Semiconductor

Part # 400DABBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DABBA0 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button 400DABBA0 Datasheet HTML 39Page - ON Semiconductor 400DABBA0 Datasheet HTML 40Page - ON Semiconductor 400DABBA0 Datasheet HTML 41Page - ON Semiconductor 400DABBA0 Datasheet HTML 42Page - ON Semiconductor 400DABBA0 Datasheet HTML 43Page - ON Semiconductor 400DABBA0 Datasheet HTML 44Page - ON Semiconductor 400DABBA0 Datasheet HTML 45Page - ON Semiconductor 400DABBA0 Datasheet HTML 46Page - ON Semiconductor 400DABBA0 Datasheet HTML 47Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
NCP12400
www.onsemi.com
44
ORDERING INFORMATION
Ordering Part No.
Overload Protection
Switching Frequency
Package
Shipping†
NCP12400BAHAB0DR2G
Latched
65 kHz
SOIC−7
(Pb−Free)
2500 / Tape & Reel
NCP12400BAHBB0DR2G
Latched
65 kHz
NCP12400BBBBB2DR2G
Autorecovery
65 → 100 kHz
NCP12400BBHAA1DR2G
Autorecovery
100 kHz
NCP12400CAHAB0DR2G
Latched
65 kHz
NCP12400CBAAB0DR2G
Autorecovery
65 kHz
NCP12400CBBAB0DR2G
Autorecovery
65 kHz
NCP12400CBHAA0DR2G
Autorecovery
65 kHz
NCP12400EAHBB0DR2G
Latched
65 kHz
NCP12400BBBBA0DR2G
Autorecovery
65 kHz
NCP12400BBHAB0DR2G
Autorecovery
65 kHz
NCP12400BBEBA0DR2G
Autorecovery
65 kHz
NCP12400BBAAA0DR2G
Autorecovery
65 kHz
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com