Electronic Components Datasheet Search
  English  ▼

X  

400DABBA0 Datasheet(PDF) 20 Page - ON Semiconductor

Part # 400DABBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DABBA0 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button 400DABBA0 Datasheet HTML 16Page - ON Semiconductor 400DABBA0 Datasheet HTML 17Page - ON Semiconductor 400DABBA0 Datasheet HTML 18Page - ON Semiconductor 400DABBA0 Datasheet HTML 19Page - ON Semiconductor 400DABBA0 Datasheet HTML 20Page - ON Semiconductor 400DABBA0 Datasheet HTML 21Page - ON Semiconductor 400DABBA0 Datasheet HTML 22Page - ON Semiconductor 400DABBA0 Datasheet HTML 23Page - ON Semiconductor 400DABBA0 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
NCP12400
www.onsemi.com
20
Figure 47. Latch After the Preshort
time
VHV
time
VCC
time
DRV
VHV(start)
VHV(min)
VCC(on)
VCC(min)
HV current
source = Istart1
HV current
source = Istart2
Device starts at
VCC(on) event
VCC(inhibit)
VCC(off)
UVLO level
VCC(off )
is trigged before OCP timer elapsed
Device stops thanks
to pre−short protection
HV Sensing of Rectified AC Voltage
The NCP12400 features on its HV pin a true ac line
monitoring circuitry. It includes a minimum start−up
threshold and an autorecovery brown−out protection; both
of them independent of the ripple on the input voltage. It is
allowed only to work with an unfiltered, rectified ac input to
ensure the X2 capacitor discharge function as well, which is
described in following. The brown−out protection
thresholds are fixed, but they are designed to fit most of the
standard ac−dc conversion applications.
When the input voltage goes below VHV(stop), a
brown−out condition is detected, and the controller stops.
The HV current source maintains VCC between VCC(on) and
VCC(min) levels until the input voltage is back above
VHV(start).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com