Electronic Components Datasheet Search
  English  ▼

X  

400ABCBA0 Datasheet(PDF) 45 Page - ON Semiconductor

Part # 400ABCBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400ABCBA0 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button 400ABCBA0 Datasheet HTML 39Page - ON Semiconductor 400ABCBA0 Datasheet HTML 40Page - ON Semiconductor 400ABCBA0 Datasheet HTML 41Page - ON Semiconductor 400ABCBA0 Datasheet HTML 42Page - ON Semiconductor 400ABCBA0 Datasheet HTML 43Page - ON Semiconductor 400ABCBA0 Datasheet HTML 44Page - ON Semiconductor 400ABCBA0 Datasheet HTML 45Page - ON Semiconductor 400ABCBA0 Datasheet HTML 46Page - ON Semiconductor 400ABCBA0 Datasheet HTML 47Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
SOIC−7
CASE 751U−01
ISSUE E
DATE 20 OCT 2009
SEATING
PLANE
1
4
5
8
R
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B ARE DATUMS AND T
IS A DATUM SURFACE.
4. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
5. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
S
D
H
C
SCALE 1:1
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00 0.189
0.197
MILLIMETERS
B
3.80
4.00 0.150
0.157
C
1.35
1.75 0.053
0.069
D
0.33
0.51 0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25 0.004
0.010
J
0.19
0.25 0.007
0.010
K
0.40
1.27 0.016
0.050
M
0
8
0
8
N
0.25
0.50 0.010
0.020
S
5.80
6.20 0.228
0.244
−A−
−B−
G
M
B
M
0.25 (0.010)
−T−
B
M
0.25 (0.010)
T
S
A S
M
XXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
GENERIC
MARKING DIAGRAM
7 PL
__
_
_
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “ G”,
may or may not be present.
XXXXX
ALYWX
G
1
8
STYLES ON PAGE 2
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the
rights of others.
98AON12199D
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 1 OF 2
7−LEAD SOIC
© Semiconductor Components Industries, LLC, 2019
www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com