Electronic Components Datasheet Search
  English  ▼

X  

400ABCBA0 Datasheet(PDF) 29 Page - ON Semiconductor

Part # 400ABCBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400ABCBA0 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button 400ABCBA0 Datasheet HTML 25Page - ON Semiconductor 400ABCBA0 Datasheet HTML 26Page - ON Semiconductor 400ABCBA0 Datasheet HTML 27Page - ON Semiconductor 400ABCBA0 Datasheet HTML 28Page - ON Semiconductor 400ABCBA0 Datasheet HTML 29Page - ON Semiconductor 400ABCBA0 Datasheet HTML 30Page - ON Semiconductor 400ABCBA0 Datasheet HTML 31Page - ON Semiconductor 400ABCBA0 Datasheet HTML 32Page - ON Semiconductor 400ABCBA0 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
NCP12400
www.onsemi.com
29
Figure 56. Start−up, Shut−down and AC Line Unplug Time Diagram
time
VHV
time
One Shot
time
DRV
VHV(start)
tDET
time
VCC
VCC(on)
VCC(off)
VCC(inhibit)
VFB
VOFF
VON
Low consumption mode
Ready to RUN
DRV start
condition
DSS start to
charge the Vcc
cap
HV
timer
starts
HV
timer
restarts
AC line Unplug
detector starts
RUN
AC line unplug
X2 capacitor
discharge
Starts
only at
VCC(on)
VCC(dis)
tDIS
X2 cyclic discharge
process starts
tDET
No AC detection
X2 capacitor
discharge
tDIS
No AC detection
Low consumption off mode
Skip mode
tGTSG
Dynamic
Self−Supply
in off mode
time
Oscillator with Frequency Jittering
The NCP12400 includes an oscillator that sets the
switching frequency 65 kHz or 100 kHz depending on the
version. The maximum duty−ratio of the DRV pin is 80%.
In order to improve the EMI signature, the switching
frequency jitters
±4 kHz around its nominal value, with a
triangle−wave shape and at a frequency of 125 Hz. This
frequency jittering is active even when the frequency is
decreased to improve the efficiency in light load condition.
Figure 57. Frequency Modulation of the Maximum
Switching Frequency
Time
fOSC
fOSC
8 ms
(125 Hz)
Nominal fOSC
fOSC
+ 4 kHz
− 4 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com