Electronic Components Datasheet Search
  English  ▼

X  

XP1005 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1005
Description  35.0-43.0 GHz GaAs MMIC Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1005 Datasheet(HTML) 1 Page - Mimix Broadband

  XP1005 Datasheet HTML 1Page - Mimix Broadband XP1005 Datasheet HTML 2Page - Mimix Broadband XP1005 Datasheet HTML 3Page - Mimix Broadband XP1005 Datasheet HTML 4Page - Mimix Broadband XP1005 Datasheet HTML 5Page - Mimix Broadband XP1005 Datasheet HTML 6Page - Mimix Broadband XP1005 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mimix Broadband
’s four stage 35.0-43.0 GHz GaAs
MMIC power amplifier has a small signal gain of 26.0
dB with a +24.0 dBm saturated output power. The
device also includes Lange couplers to achieve good
output return loss. This MMIC uses Mimix Broadband
’s
0.15
µm GaAs PHEMT device model technology, and is
based upon electron beam lithography to ensure
high repeatability and uniformity. The chip has
surface passivation to protect and provide a rugged
part with backside via holes and gold metallization to
allow either a conductive epoxy or eutectic solder die
attach process. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS, SATCOM
and VSAT applications.
35.0-43.0 GHz GaAs MMIC
Power Amplifier
Excellent Saturated Output Stage
Balanced Design Provides Good Output Match
26.0 dB Small Signal Gain
+24.0 dBm Saturated Output Power
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
General Description
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (f )
Input Return Loss (S11) @ 37.0-40.0
Output Return Loss (S22) @ 37.0-40.0
Small Signal Gain (S21) @ 37.0-40.0
Gain Flatness (
∆S21)
Reverse Isolation (S12) @ 37.0-40.0
Saturated Output Power (PSAT) @ 37.0-40.0
Drain Bias Voltage (Vd1,2,3,4)
Gate Bias Voltage (Vg1,2,3,4)
Supply Current (Id) (Vd=4.5V, Vg=-0.7V Typical)
Units
GHz
dB
dB
dB
dB
dB
dBm
VDC
VDC
mA
Min.
35.0
6.0
12.0
23.0
-
35.0
+23.0
-
-1.0
-
Typ.
-
10.0
15.0
26.0
+/-2.0
40.0
+24.0
+4.5
-0.7
500
Max.
43.0
-
-
-
-
-
-
+5.5
0.0
1000
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
1050 mA
+0.3 VDC
+8.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
Page 1 of 7
1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2005 - Rev 05-May-05
P1005


Similar Part No. - XP1005

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
XP1005-BD MIMIX-XP1005-BD Datasheet
932Kb / 7P
35.0-43.0 GHz GaAs MMIC
XP1005-BD-000V MIMIX-XP1005-BD-000V Datasheet
281Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
XP1005-BD-EV1 MIMIX-XP1005-BD-EV1 Datasheet
281Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
Power Amplifier
More results

Similar Description - XP1005

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1002 MIMIX-XB1002 Datasheet
412Kb / 6P
36.0-43.0 GHz GaAs MMIC Buffer Amplifier
XB1005 MIMIX-XB1005 Datasheet
1Mb / 12P
35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
27.0-35.0 GHz GaAs MMIC Power Amplifier
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
35.0-45.0 GHz GaAs MMIC Power Amplifier
XB1005-BD MIMIX-XB1005-BD Datasheet
737Kb / 12P
35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
17.0-35.0 GHz GaAs MMIC
XP1005-BD MIMIX-XP1005-BD_11 Datasheet
932Kb / 7P
35.0-43.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XU1006-BD MA-COM-XU1006-BD Datasheet
1Mb / 1P
35.0-42.0 GHz GaAs MMIC
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
27.0-35.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com