Electronic Components Datasheet Search
  English  ▼

X  

XP1005 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XP1005
Description  35.0-43.0 GHz GaAs MMIC Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1005 Datasheet(HTML) 3 Page - Mimix Broadband

  XP1005 Datasheet HTML 1Page - Mimix Broadband XP1005 Datasheet HTML 2Page - Mimix Broadband XP1005 Datasheet HTML 3Page - Mimix Broadband XP1005 Datasheet HTML 4Page - Mimix Broadband XP1005 Datasheet HTML 5Page - Mimix Broadband XP1005 Datasheet HTML 6Page - Mimix Broadband XP1005 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Output
Power ,
Vds
=
4.5
V,
Ids
=
500
mA,
Pin
=
0
dBm
22.5
23
23.5
24
24.5
25
25.5
37
37.5
38
38.5
39
39.5
40
Frequency
(GHz)
35.0-43.0 GHz GaAs MMIC
Power Amplifier
Power Amplifier Measurements (cont.)
Page 3 of 7
P1005
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2005 - Rev 05-May-05
35
36
37
38
39
40
41
42
43
Frequency (GHz)
S21_XP1005
10
12
14
16
18
20
22
24
26
28
30
32
35
36
37
38
39
40
41
42
43
Frequency (GHz)
S12_XP1005
-90
-80
-70
-60
-50
-40
-30
-20
35
36
37
38
39
40
41
42
43
Frequency (GHz)
S11_XP1005
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
35
36
37
38
39
40
41
42
43
Frequency (GHz)
S22_XP1005
-30
-25
-20
-15
-10
-5
0
35
36
37
38
39
40
41
42
43
44
45
Frequency (GHz)
S21_XP1005
10
12
14
16
18
20
22
24
26
28
30
32



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com