Electronic Components Datasheet Search
  English  ▼

X  

533 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 533
Description  (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

533 Datasheet(HTML) 1 Page - Vishay Siliconix

  533 Datasheet HTML 1Page - Vishay Siliconix 533 Datasheet HTML 2Page - Vishay Siliconix 533 Datasheet HTML 3Page - Vishay Siliconix 533 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 533, 534, 535
www.vishay.com
Vishay Spectrol
Revision: 17-May-2018
1
Document Number: 57065
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7/8" (22.2 mm) Multi Turn Wirewound Potentiometer -
533: 3 Turns / 534: 10 Turns / 535: 5 Turns
DESIGN SUPPORT TOOLS
FEATURES
• Bushing and servo mount designs available
• Linearity ± 0.25 %, down to 0.05 % on request
• Special resistance tolerances to 1 %
• Rear shaft extensions and support bearing
• Metric shaft available
• Dual gang configuration and concentric shafts
• High torque, center tap, slipping clutch on request
• Special markings and front shaft extensions
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, multi turn wirewound
Output type
Output by turrets
Market appliance
Industrial
Dimensions
7/8" (22.2 mm)
click logo to get started
Available
Models
ELECTRICAL SPECIFICATIONS
PARAMETER
MODEL 533
MODEL 534
MODEL 535
Resistance range - standard values
50
 to 20 k
100
 to 100 k
50
 to 50 k
Capability range
5
 to 60 k
10
 to 200 k
5
 to 100 k
Standard tolerance
± 5 %
± 5 %
± 5 %
Linearity (independent)
± 0.25 %
± 0.25 %
± 0.25 %
Noise
100
 ENR
100
 ENR
100
 ENR
Rotation (electrical and mechanical)
1080° +10°
-0°
3600° +10°
-0°
1800° +10°
-0°
Power rating (at 70 °C)
1.0 W
2.0 W
1.5 W
Insulation resistance
1000 M
 minimum 500 V
DC
Dielectric strength
1000 VRMS minimum 60 Hz
Absolute minimum resistance
Not to exceed linearity x total resistance or 1
, whichever is greater
Temperature coefficient
20 ppm/°C (standard values, wire only)
End voltage
0.25 % of total applied voltage, maximum
Phasing
CCW end points - section 2 phased to section 1 within ± 2°
Taps
Center tap only
MARKING
Unit identification
Manufacturer’s name and model number,
resistance value and tolerance, linearity
specification date code and terminal
identification.
Example of a marking for a standard part:
534-11103
RESISTANCE VALUES
533 (

50, 100, 200, 500, 1K, 2K, 5K, 10K, 20K
534 (

100, 200, 500, 1K, 2K, 5K, 10K, 20K, 50K, 100K
535 (

50, 100, 200, 500, 1K, 2K, 5K, 10K, 20K, 50K


Similar Part No. - 533

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
533 VISHAY-533 Datasheet
100Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
logo
Marl International Limi...
533 MARL-533 Datasheet
255Kb / 4P
533 series
logo
Vishay Siliconix
533 VISHAY-533 Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
logo
Abbatron All Rights Res...
533 ABBATRON-533 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Dialight Corporation
533-0601 DIALIGHT-533-0601 Datasheet
66Kb / 1P
513 SERIES SWITCHES
More results

Similar Description - 533

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
Turns-Counting Dial
logo
Vishay Siliconix
MODEL533 VISHAY-MODEL533 Datasheet
119Kb / 4P
7/8inch (22 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
02-Jul-07
logo
Rhombus Industries Inc.
T-1041 RHOMBUS-IND-T-1041 Datasheet
35Kb / 1P
Turns Ratio: 10 Turns : 3 Turns
7/15/95
logo
Vishay Siliconix
533 VISHAY-533_10 Datasheet
100Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
533-1-1-103 VISHAY-533-1-1-103 Datasheet
103Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
17-Apr-13
535B1502JCB VISHAY-535B1502JCB Datasheet
93Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
534B VISHAY-534B Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
logo
Copal Electronics
TM-7 COPAL-TM-7 Datasheet
277Kb / 4P
3 TURNS CERMET TRIMMERS
logo
Vishay Siliconix
15 VISHAY-15 Datasheet
77Kb / 2P
Rectangular 10 Turn Dial (3 Digit), (4 Digit) 100 TurnS
04-Jul-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com