Electronic Components Datasheet Search
  English  ▼

X  

533 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 533
Description  (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

533 Datasheet(HTML) 2 Page - Vishay Siliconix

  533 Datasheet HTML 1Page - Vishay Siliconix 533 Datasheet HTML 2Page - Vishay Siliconix 533 Datasheet HTML 3Page - Vishay Siliconix 533 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 533, 534, 535
www.vishay.com
Vishay Spectrol
Revision: 17-May-2018
2
Document Number: 57065
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Mounting hardware, washer and panel nut, nickel plated
ORDERING INFORMATION
5
3
4
B
21
03
20
3J
C
4
70
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
TOLERANCE ON
OHMIC VALUE
LINEARITY
SPECIAL REQUEST
533
534
535
B: bushing
S: servo
1
2
470 = 47
222 = 2.200
103 = 10 k
For ohmic value
range see
electrical
specification
470 = 47
222 = 2.200
103 = 10 k
For ohmic value
range see
electrical
specification
J = ± 5 %
F = ± 1 %
C = ± 0.25 %
L = ± 0.2 %
Special code
xxxx
PART NUMBER DESCRIPTION (for information only)
534-
1
2
103
203
xxxx
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
SPECIAL
B: 1
S: 2
SINGLE SECTION DIMENSIONS in inches (millimeters)
2
1
3
CW
SCHEMATIC
0.750 (19.05)
± 0.015
0.312 (7.92)
± 0.015
0.062 (1.57)
0.200 MIN. (5.08)
Ø 0.875
(22.22)
± 0.015
0.030 MAX. (0.76)
0.812 (20.62)
± 0.031
Ø 0.2497 (6.34)
+ 0.0000
- 0.0003
0.032 x 0.032
(0.81) x (0.81) DP
± 0.010
3/
8 - 32UNEF - 2A
Ø 0.4062
(10.32)
+ 0.0000
- 0.0020
9 mm x 0.75 P
Ø 6.00 mm
1
2
3
SCREWDRIVER SLOT
+ 0.000
- 0.0003
0.850 (21.59)± 0.015
0.375 (9.52)
± 0.031
0.062 (1.57)
Ø 0.7500 (19.05)
+ 0.0000
- 0.0005
Ø 0.875 (22.22)
Ø 0.1248 (3.17) + 0.0000
- 0.0003
0.057 (1.45) MIN.
0.300 (7.62) MIN.
Ø 0.750 (19.05) MAX.
Ø 0.875
(22.22)
± 0.015
2
1
0.062 (1.57)
30°
TYP.
R 0.625 MAX.
(15.88)
BUSHING
MOUNT MODEL:
534B/534-1
SERVO
MOUNT MODEL:
534S/534-2
METRIC SHAFT: 534B...8872
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com