Electronic Components Datasheet Search
  English  ▼

X  

MM22 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MM22
Description  Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM22 Datasheet(HTML) 5 Page - Vishay Siliconix

  MM22 Datasheet HTML 1Page - Vishay Siliconix MM22 Datasheet HTML 2Page - Vishay Siliconix MM22 Datasheet HTML 3Page - Vishay Siliconix MM22 Datasheet HTML 4Page - Vishay Siliconix MM22 Datasheet HTML 5Page - Vishay Siliconix MM22 Datasheet HTML 6Page - Vishay Siliconix MM22 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MM22, MM24
www.vishay.com
Vishay Dale
Revision: 24-Feb-14
5
Document Number: 36008
For technical questions, contact: connectors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PANEL CUTOUT in inches [millimeters]
NUMBER OF
CONTACTS
A
B
C
NUMBER OF
CONTACTS
AB
C
5
0.210
[5.33]
0.468
[11.89]
0.340
[8.64]
20
0.270
[6.86]
0.814
[20.68]
0.690
[17.53]
7
0.210
[5.33]
0.562
[14.27]
0.440
[11.18]
26
0.270
[6.86]
1.0
[25.40]
0.870
[22.10]
9
0.210
[5.33]
0.656
[16.66]
0.530
[13.46]
29
0.270
[6.86]
1.09
[27.69]
0.970
[24.64]
11
0.270
[6.86]
0.532
[13.51]
0.410
[10.41]
34
0.380
[9.65]
1.03
[26.16]
0.910
[23.11]
14
0.270
[6.86]
0.625
[15.88]
0.500
[12.70]
44
0.380
[9.65]
1.28
[32.51]
1.16
[29.46]
18
0.380
[9.65]
0.656
[16.66]
0.530
[13.46]
50
0.380
[9.65]
1.41
[35.81]
1.28
[32.51]
DIMENSIONS in inches [millimeters]
PANEL CUTOUT
NOTE: The views below show the wiring side of a pin model connector (socket style is
opposite). Socket hardware is assembled at “A” contact end of pin connector.
in inches [millimeters]
DIP SOLDER PC BOARD MOUNTING PATTERNS
Male (MMP) connector shown - female is opposite. Contact, contact row and mating hole CL to
CL dimensions also applies to solder cup style connectors.
A
C
B
0.093 [2.36]
0.050
[1.27]
R Typ.
“C50” Configuration
0.093
[2.36]
0.160
[4.06]
0.093 [2.36]
Dia. Typ.
0.360
[9.14]
Ref.
0.090
[2.29] Typ.
0.180
[4.57]
Typ.
0.155 [3.94]
Typ.
0.344
[8.74]
0.172
[4.37]
0.893
[22.68]
Ref.
0.047 [1.19]
Typ.
1.20
[30.48]
C
E
B
D
A
0.500
[12.70]
0.172
[4.37]
0.250
[6.35
0.060
[1.52] R
0.344
[8.74]
0.113
[2.87]
0.080
[2.03]
Typ.
1.20
[30.48]
1.43
[36.32]
0.155
[3.94]
0.047
[1.19]
Typ.
0.893
[22.68]
Ref.
0.093 [2.36]
R 2 Places
0.126 + 0.002 - 0.000
[3.20 + 0.051 - 0.000]
Dia. Typ.
0.090 [2.29]
Typ.
“C50” Configuration
1.20
[30.48]
0.344
[8.74]
0.500
[12.70]
0.172
[4.37]
0.250
[6.35]
0.093
[2.36]
1.08
[27.43]
0.093 [2.36]
Dia. Typ.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com